Electronic Components Datasheet Search
  English  ▼

X  

CPS-8 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # CPS-8
Description  8-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-8 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button CPS-8 Datasheet HTML 35Page - Renesas Technology Corp CPS-8 Datasheet HTML 36Page - Renesas Technology Corp CPS-8 Datasheet HTML 37Page - Renesas Technology Corp CPS-8 Datasheet HTML 38Page - Renesas Technology Corp CPS-8 Datasheet HTML 39Page - Renesas Technology Corp CPS-8 Datasheet HTML 40Page - Renesas Technology Corp CPS-8 Datasheet HTML 41Page - Renesas Technology Corp CPS-8 Datasheet HTML 42Page - Renesas Technology Corp CPS-8 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39 of 47
March 31, 2008
IDT80KSW0003
Datasheet
Table 34 CPS-8 Reset Port Configuration
Speed Select (SPD[1:0])
There are 2 port speed select pins. These pins are used to chose the initial speed on sRIO ports. The selection table is given below:
Table 35 Port Speed Selection Pin Values
At power-up the CPS-8 is configured as with 8 non-redundant 1x ports. All ports are configured with each link running at 1.25, 2.5, or 3.125 Gbps
(depending on the SPD[1:0] pins).
An end-point connected to the CPS-8 can then reprogram all the ports to the desired configuration. All ports are configured as long run at start up
because it will allow the port to communicate to either a short run or long run port on the CPU.
Initialization of sRIO Switching
At the initialization all values in the route table are programmed as default route. But the CPS-8 accepts maintenance packets. These maintenance
packets may be used to configure the CPS-8.
Lane#
Quad#
Quad
Type
Default
on Reset
1x-Ports Only
Port Numbering
4x-Ports Only
Port Numbering
0
0
Enhanced
Enhanced
0
0
11
22
33
4
1
Enhanced
Enhanced
4
1
55
66
77
Value on the Pins (SPD1, SPD0)
Ports Rate
00
1.25Gbps
01
2.5Gbps
10
3.125Gbps
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com