Electronic Components Datasheet Search
  English  ▼

X  

CPS-8 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # CPS-8
Description  8-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-8 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button CPS-8 Datasheet HTML 20Page - Renesas Technology Corp CPS-8 Datasheet HTML 21Page - Renesas Technology Corp CPS-8 Datasheet HTML 22Page - Renesas Technology Corp CPS-8 Datasheet HTML 23Page - Renesas Technology Corp CPS-8 Datasheet HTML 24Page - Renesas Technology Corp CPS-8 Datasheet HTML 25Page - Renesas Technology Corp CPS-8 Datasheet HTML 26Page - Renesas Technology Corp CPS-8 Datasheet HTML 27Page - Renesas Technology Corp CPS-8 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24 of 47
March 31, 2008
IDT80KSW0003
Datasheet
Table 21 Receiver AC Timing Specifications - 1.25 GBaud
NOTE:
1. Total jitter is composed of three components, deterministic jitter, random jitter and single frequency sinusoidal jitter. The sinusoidal jitter may have
any amplitude and frequency in the unshaded region of Figure 16. The sinusoidal jitter component is included to ensure margin for low frequency jitter,
wander, noise, crosstalk and other variable system effects.
Table 22 Receiver AC Timing Specifications - 2.5 GBaud
NOTE:
1. Total jitter is composed of three components, deterministic jitter, random jitter and single frequency sinusoidal jitter. The sinusoidal jitter may have
any amplitude and frequency in the unshaded region of Figure 16. The sinusoidal jitter component is included to ensure margin for low frequency jitter,
wander, noise, crosstalk and other variable system effects.
Symbol
Parameter
Range
Unit
Notes
Min
Max
VIN
Differential Input Voltage
200
1600
mV p-p
Measured at receiver
JD
Deterministic Jitter Tolerance
0.37
-
UI p-p
Measured at receiver
JDR
Combined Deterministic and
Random Jitter Tolerance
0.55
-
UI p-p
Measured at receiver
JT
Total Jitter Tolerance(1)
0.65
-
UI p-p
Measured at receiver
SMI
Multiple Input Skew
-
24
ns
Skew at the receiver input
between lanes of a multi-
lane link
BER
Bit Error Rate
10-12
UI
Unit Interval
800
800
ps
+/- 100 ppm
Symbol
Parameter
Range
Unit
Notes
Min
Max
VIN
Differential Input Voltage
200
1600
mV p-p
Measured at receiver
JD
Deterministic Jitter Tolerance
0.37
-
UI p-p
Measured at receiver
JDR
Combined Deterministic and
Random Jitter Tolerance
0.55
-
UI p-p
Measured at receiver
JT
Total Jitter Tolerance(1)
0.65
-
UI p-p
Measured at receiver
SMI
Multiple Input Skew
-
24
ns
Skew at the receiver input
between lanes of a multi-
lane link
BER
Bit Error Rate
10-12
UI
Unit Interval
400
400
ps
+/- 100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com