Electronic Components Datasheet Search
  English  ▼

X  

83C554 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 47Page - NXP Semiconductors 83C554 Datasheet HTML 48Page - NXP Semiconductors 83C554 Datasheet HTML 49Page - NXP Semiconductors 83C554 Datasheet HTML 50Page - NXP Semiconductors 83C554 Datasheet HTML 51Page - NXP Semiconductors 83C554 Datasheet HTML 52Page - NXP Semiconductors 83C554 Datasheet HTML 53Page - NXP Semiconductors 83C554 Datasheet HTML 54Page - NXP Semiconductors 83C554 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
51
DB
S1ADR
GC
S1DAT
0
0
CR0
CR!
SI
0
AA
ST0
STA
CR2
ENS1
SPECIAL FUNCTION REGISTERS
53
BACKUP
NUMBYTMST
INTERNAL DATA RAM
S1STA
S1CON
PSW
DA
D9
D8
D0
PS1
IPO
B8
IEN0
AB
ES1
EA
P1.7
P1.6
P1
90
80
7F
ORIGINAL VALUE OF NUMBYTMST
NUMBER OF BYTES AS MASTER
52
SLA
SLA+R/W TO BE TRANSMITTED TO SLA
51
HADD
HIGHER ADDRESS BYTE INTERRUPT ROUTINE
50
SLAVE TRANSMITTER DATA RAM
4F
STD
48
SLAVE RECEIVER DATA RAM
SRD
40
MASTER RECEIVER DATA RAM
MRD
38
MASTER TRANSMITTER DATA RAM
MTD
30
19
R1
R0
18
00
SU00978
Figure 47. SIO1 Data Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com