Electronic Components Datasheet Search
  English  ▼

X  

83C554 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 50Page - NXP Semiconductors 83C554 Datasheet HTML 51Page - NXP Semiconductors 83C554 Datasheet HTML 52Page - NXP Semiconductors 83C554 Datasheet HTML 53Page - NXP Semiconductors 83C554 Datasheet HTML 54Page - NXP Semiconductors 83C554 Datasheet HTML 55Page - NXP Semiconductors 83C554 Datasheet HTML 56Page - NXP Semiconductors 83C554 Datasheet HTML 57Page - NXP Semiconductors 83C554 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
54
!********************************************************************************************************
! INITIALIZATION ROUTINE
! Example to initialize IIC Interface as slave receiver or slave transmitter and
! start a MASTER TRANSMIT or a MASTER RECEIVE function. 4 bytes will be transmitted or received.
!********************************************************************************************************
.sect
strt
.base
0x00
0000
4100
ajmp INIT
! RESET
.sect
initial
.base
0x200
0200
75DB31
INIT:
mov
S1ADR,#OWNSLA
! Load own SLA + enable
! general call recognition
0203
D296
setb
P1(6)
! P1.6 High level.
0205
D297
setb
P1(7)
! P1.7 High level.
0207
755001
mov
HADD,#PAG1
020A
43A8A0
orl
IEN0,#ENSI01
! Enable SI01 interrupt
020D
C2BD
clr
SI01HP
! SI01 interrupt low priority
020F
75D8C5
mov
S1CON, #ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! Initialize SLV funct.
!********************************************************************************************************
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! START MASTER TRANSMIT FUNCTION
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
0212
755204
mov
NUMBYTMST,#0x4
! Transmit 4 bytes.
0215
7551C0
mov
SLA,#SLAW
! SLA+W, Transmit funct.
0218
D2DD
setb
STA
! set STA in S1CON
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! START MASTER RECEIVE FUNCTION
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
021A
755204
mov
NUMBYTMST,#0x4
! Receive 4 bytes.
021D
7551C1
mov
SLA,#SLAR
! SLA+R, Receive funct.
0220
D2DD
setb
STA
! set STA in S1CON
!********************************************************************************************************
! SI01 INTERRUPT ROUTINE
!********************************************************************************************************
.sect
intvec
! SI01 interrupt vector
.base
0x00
! S1STA and HADD are pushed onto the stack.
! They serve as return address for the RET instruction.
! The RET instruction sets the Program Counter to address HADD,
! S1STA and jumps to the right subroutine.
002B
C0D0
push psw
! save psw
002D
C0D9
push S1STA
002F
C050
push HADD
0031
22
ret
! JMP to address HADD,S1STA.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 00, Bus error.
! ACTION : Enter not addressed SLV mode and release bus. STO reset.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
st0
.base
0x100
0100
75D8D5
mov
S1CON,#ENS1_NOTSTA_STO_NOTSI_AA_CR0 ! clr SI
! set STO,AA
0103
D0D0
pop
psw
0105
32
reti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com