Electronic Components Datasheet Search
  English  ▼

X  

83C554 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 54Page - NXP Semiconductors 83C554 Datasheet HTML 55Page - NXP Semiconductors 83C554 Datasheet HTML 56Page - NXP Semiconductors 83C554 Datasheet HTML 57Page - NXP Semiconductors 83C554 Datasheet HTML 58Page - NXP Semiconductors 83C554 Datasheet HTML 59Page - NXP Semiconductors 83C554 Datasheet HTML 60Page - NXP Semiconductors 83C554 Datasheet HTML 61Page - NXP Semiconductors 83C554 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
58
!********************************************************************************************************
!********************************************************************************************************
! SLAVE RECEIVER STATE SERVICE ROUTINES
!********************************************************************************************************
!********************************************************************************************************
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 60, Own SLA+W have been received, ACK returned.
! ACTION : DATA will be received and ACK returned.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs60
.base
0x160
0160
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
0163
75D018
mov
psw,#SELRB3
0166
01D0
ajmp INITSRD
.sect
insrd
.base
0xd0
00D0
7840
INITSRD:
mov
r0,#SRD
00D2
7908
mov
r1,#8
00D4
D0D0
pop
psw
00D6
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 68, Arbitration lost in SLA and R/W as MST
!
Own SLA+W have been received, ACK returned
! ACTION : DATA will be received and ACK returned.
!
STA is set to restart MST mode after the bus is free again.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs68
.base
0x168
0168
75D8E5
mov
S1CON,#ENS1_STA_NOTSTO_NOTSI_AA_CR0
016B
75D018
mov
psw,#SELRB3
016E
01D0
ajmp INITSRD
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 70, General call has been received, ACK returned.
! ACTION : DATA will be received and ACK returned.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs70
.base
0x170
0170
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
0173
75D018
mov
psw,#SELRB3
! Initialize SRD counter
0176
01D0
ajmp initsrd
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 78, Arbitration lost in SLA+R/W as MST.
!
General call has been received, ACK returned.
! ACTION : DATA will be received and ACK returned.
!
STA is set to restart MST mode after the bus is free again.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs78
.base
0x178
0178
75D8E5
mov
S1CON,#ENS1_STA_NOTSTO_NOTSI_AA_CR0
017B
75D018
mov
psw,#SELRB3
! Initialize SRD counter
017E
01D0
ajmp INITSRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com