Electronic Components Datasheet Search
  English  ▼

X  

87C554 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 56Page - NXP Semiconductors 87C554 Datasheet HTML 57Page - NXP Semiconductors 87C554 Datasheet HTML 58Page - NXP Semiconductors 87C554 Datasheet HTML 59Page - NXP Semiconductors 87C554 Datasheet HTML 60Page - NXP Semiconductors 87C554 Datasheet HTML 61Page - NXP Semiconductors 87C554 Datasheet HTML 62Page - NXP Semiconductors 87C554 Datasheet HTML 63Page - NXP Semiconductors 87C554 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
60
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: A0, A STOP condition or repeated START has been received,
!
while still addressed as SLV/REC or SLV/TRX.
! ACTION : No save of DATA, Enter NOT addressed SLV mode.
!
Recognition of own SLA. General call recognized, if S1ADR. 0–1.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srsA0
.base
0x1a0
01A0
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
01A3
D0D0
pop
psw
01A5
32
reti
!********************************************************************************************************
!********************************************************************************************************
! SLAVE TRANSMITTER STATE SERVICE ROUTINES
!********************************************************************************************************
!********************************************************************************************************
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: A8, Own SLA+R received, ACK returned.
! ACTION : DATA will be transmitted, A bit received.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
stsa8
.base
0x1a8
01A8
8548DA
mov
S1DAT,STD
! load DATA in S1DAT
01AB
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
01AE
01E8
ajmp INITBASE2
.sect
ibase2
.base
0xe8
00E8
75D018
INITBASE2:
mov
psw,#SELRB3
00EB
7948
mov
r1, #STD
00ED
09
inc
r1
00EE
D0D0
pop
psw
00F0
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: B0, Arbitration lost in SLA and R/W as MST. Own SLA+R received, ACK returned.
! ACTION : DATA will be transmitted, A bit received.
!
STA is set to restart MST mode after the bus is free again.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
stsb0
.base
0x1b0
01B0
8548DA
mov
S1DAT,STD
! load DATA in S1DAT
01B3
75D8E5
mov
S1CON,#ENS1_STA_NOTSTO_NOTSI_AA_CR0
01B6
01E8
ajmp INITBASE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com