Electronic Components Datasheet Search
  English  ▼

X  

87C554 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 61Page - NXP Semiconductors 87C554 Datasheet HTML 62Page - NXP Semiconductors 87C554 Datasheet HTML 63Page - NXP Semiconductors 87C554 Datasheet HTML 64Page - NXP Semiconductors 87C554 Datasheet HTML 65Page - NXP Semiconductors 87C554 Datasheet HTML 66Page - NXP Semiconductors 87C554 Datasheet HTML 67Page - NXP Semiconductors 87C554 Datasheet HTML 68Page - NXP Semiconductors 87C554 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
65
1
0
2
3
4
5
6
7
1018
1019
1020
1021
1022
1023
1
2
3
4
5
6
7
1018
1019
1020
1021
1022
1023
1024
Code
Out
(2)
(1)
(5)
(4)
(3)
1 LSB
(ideal)
Offset
error
OSe
Offset
error
OSe
Gain
error
Ge
AVIN (LSBideal)
1 LSB =
AVREF+ – AVREF–
1024
(1) Example of an actual transfer curve.
(2) The ideal transfer curve.
(3) Differential non-linearity (DLe).
(4) Integral non-linearity (ILe).
(5) Center of a step of the actual transfer curve.
SU00212
Figure 48. ADC Conversion Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com