Electronic Components Datasheet Search
  English  ▼

X  

87C554 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 65Page - NXP Semiconductors 87C554 Datasheet HTML 66Page - NXP Semiconductors 87C554 Datasheet HTML 67Page - NXP Semiconductors 87C554 Datasheet HTML 68Page - NXP Semiconductors 87C554 Datasheet HTML 69Page - NXP Semiconductors 87C554 Datasheet HTML 70Page - NXP Semiconductors 87C554 Datasheet HTML 71Page - NXP Semiconductors 87C554 Datasheet HTML 72Page - NXP Semiconductors 87C554 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
69
tLLAX
ALE
PSEN
PORT 0
PORT 2
WR
A0–A7
FROM RI OR DPL
DATA OUT
A0–A7 FROM PCL
INSTR IN
P2.0–P2.7 OR A8–A15 FROM DPH
A8–A15 FROM PCH
tWHLH
tLLWL
tWLWH
tAVLL
tAVWL
tQVWX
tWHQX
tDW
SU00213
Figure 51. External Data Memory Write Cycle
VCC–0.5
0.45V
0.7VCC
0.2VCC–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
SU00009
Figure 52. External Clock Drive XTAL1
0
1
2
3
4
5
678
INSTRUCTION
ALE
CLOCK
OUTPUT DATA
WRITE TO SBUF
INPUT DATA
CLEAR RI
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
SET TI
SET RI
tXLXL
tQVXH
tXHQX
tXHDX
tXHDV
SU00027
12
3
0
456
7
Figure 53. Shift Register Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com