Electronic Components Datasheet Search
  English  ▼

X  

853S01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 853S01
Description  2:1 Differential-to-LVPECL Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  853S01 Datasheet HTML 1Page - Renesas Technology Corp 853S01 Datasheet HTML 2Page - Renesas Technology Corp 853S01 Datasheet HTML 3Page - Renesas Technology Corp 853S01 Datasheet HTML 4Page - Renesas Technology Corp 853S01 Datasheet HTML 5Page - Renesas Technology Corp 853S01 Datasheet HTML 6Page - Renesas Technology Corp 853S01 Datasheet HTML 7Page - Renesas Technology Corp 853S01 Datasheet HTML 8Page - Renesas Technology Corp 853S01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
©2016 Integrated Device Technology, Inc.
Revision B, March 4, 2016
853S01 Datasheet
Table 4D. LVPECL DC Characteristics, VCC = 3.3V±5%; VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than VEE – 0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
NOTE 3: Outputs terminated with 50
 to V
CC – 2V.
Table 4E. LVPECL DC Characteristics, VCC = 2.5V±5%; VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than VEE – 0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
NOTE 3: Outputs terminated with 50
 to V
CC – 2V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
PCLK0, PCLK1,
nPCLK0, nPCLK1
VCC = VIN = 3.465V
150
µA
IIL
Input Low Current
PCLK0, PCLK1
VCC = 3.465V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage;
NOTE 1
150
1200
mV
VCMR
Common Mode Input Voltage;
NOTE 1, 2
1.2
VCC
V
VOH
Output High Voltage;
NOTE 3
VCC – 1.125
VCC – 0.875
V
VOL
Output Low Voltage;
NOTE 3
VCC – 1.895
VCC – 1.62
V
VSWING
Peak-to-Peak Output Voltage Swing
0.495
0.975
V
VBB
Bias Voltage
1.695
2.145
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
PCLK0, PCLK1,
nPCLK0, nPCLK1
VCC = VIN = 2.625V
150
µA
IIL
Input Low Current
PCLK0, PCLK1
VCC = 2.625V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 2.625V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage;
NOTE 1
150
1200
mV
VCMR
Common Mode Input Voltage; NOTE
1, 2
1.2
VCC
V
VOH
Output High Voltage;
NOTE 3
VCC – 1.125
VCC – 0.875
V
VOL
Output Low Voltage;
NOTE 3
VCC – 1.895
VCC – 1.62
V
VSWING
Peak-to-Peak Output Voltage Swing
0.495
0.975
V
VBB
Bias Voltage
0.935
1.305
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com