Electronic Components Datasheet Search
  English  ▼

X  

853S01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 853S01
Description  2:1 Differential-to-LVPECL Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  853S01 Datasheet HTML 1Page - Renesas Technology Corp 853S01 Datasheet HTML 2Page - Renesas Technology Corp 853S01 Datasheet HTML 3Page - Renesas Technology Corp 853S01 Datasheet HTML 4Page - Renesas Technology Corp 853S01 Datasheet HTML 5Page - Renesas Technology Corp 853S01 Datasheet HTML 6Page - Renesas Technology Corp 853S01 Datasheet HTML 7Page - Renesas Technology Corp 853S01 Datasheet HTML 8Page - Renesas Technology Corp 853S01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
©2016 Integrated Device Technology, Inc.
Revision B, March 4, 2016
853S01 Datasheet
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3. Control Input Function Table
Number
Name
Type
Description
1
PCLK0
Input
Pulldown
Non-inverting differential LVPECL clock input.
2
nPCLK0
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
3
PCLK1
Input
Pulldown
Non-inverting differential LVPECL clock input.
4
nPCLK1
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
5VBB
Output
Bias voltage.
6
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects PCLK1, nPCLK1 inputs. When
LOW, selects PCLK0, nPCLK0 inputs. LVCMOS/LVTTL interface levels.
7, 16
nc
Unused
No connect.
8, 13
VCC
Power
Positive supply pins.
9, 12, 14, 15
VEE
Power
Negative supply pins.
10, 11
nQ, Q
Output
Differential output pair. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
37
k
RPULLUP
Input Pullup Resistor
37
k
CLK_SEL
Input Selected
0
PCLK0, nPCLK0
1
PCLK1, nPCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com