Electronic Components Datasheet Search
  English  ▼

X  

853S01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 853S01
Description  2:1 Differential-to-LVPECL Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  853S01 Datasheet HTML 1Page - Renesas Technology Corp 853S01 Datasheet HTML 2Page - Renesas Technology Corp 853S01 Datasheet HTML 3Page - Renesas Technology Corp 853S01 Datasheet HTML 4Page - Renesas Technology Corp 853S01 Datasheet HTML 5Page - Renesas Technology Corp 853S01 Datasheet HTML 6Page - Renesas Technology Corp 853S01 Datasheet HTML 7Page - Renesas Technology Corp 853S01 Datasheet HTML 8Page - Renesas Technology Corp 853S01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
©2016 Integrated Device Technology, Inc.
Revision B, March 4, 2016
General Description
The 853S01 is a high performance 2:1 Differential-to-LVPECL
Multiplexer. The 853S01 can also perform differential translation
because the differential inputs accept LVPECL, LVDS and CML
levels. The 853S01 is packaged in a small 3mm x 3mm 16 VFQFN
package, making it ideal for use on space constrained boards.
Features
• One LVPECL output pair
• Two selectable differential LVPECL clock inputs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML
• Translates LVCMOS/LVTTL input signals to LVPECL levels by
using a resistor bias network on nPCLKx, nPCLKx
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 490ps (maximum)
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) packages
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
nc
CLK_SEL
VBB
nPCLK1
PCLK1
nPCLK0
PCLK0
nc
VEE
VEE
VCC
VEE
Q
nQ
VEE
5
6
7
8
16 15 14 13
1
2
3
4
12
11
10
9
PCLK0
nPCLK0
PCLK1
nPCLK1
VEE
Q
nQ
VEE
Q
nQ
CLK_SEL
PCLK0
nPCLK0
0
1
Pulldown
Pullup/Pulldown
Pulldown
VBB
PCLK1
nPCLK1
Pulldown
Pullup/Pulldown
853S01
16-Lead TSSOP
4.4mm x 5.0mm x 0.925
mm package body
G Package
Top View
Pin Assignments
Block Diagram
ICS853S01I
16-Lead VFQFN
3mm x 3mm x 0.925mm package body
K Package
Top View
2:1 Differential-to-LVPECL Multiplexer
853S01
Datasheet


Similar Part No. - 853S01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S01 IDT-853S01 Datasheet
435Kb / 23P
2:1 Differential-to-LVPECL Multiplexer
853S011B IDT-853S011B Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
853S011B RENESAS-853S011B Datasheet
815Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
Revision B, February 23, 2016
logo
Integrated Device Techn...
853S011BGILF IDT-853S011BGILF Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
More results

Similar Description - 853S01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
853S01 IDT-853S01 Datasheet
435Kb / 23P
2:1 Differential-to-LVPECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com