Electronic Components Datasheet Search
  English  ▼

X  

LTC4357 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4357
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4357 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4357 Datasheet HTML 7Page - Analog Devices LTC4357 Datasheet HTML 8Page - Analog Devices LTC4357 Datasheet HTML 9Page - Analog Devices LTC4357 Datasheet HTML 10Page - Analog Devices LTC4357 Datasheet HTML 11Page - Analog Devices LTC4357 Datasheet HTML 12Page - Analog Devices LTC4357 Datasheet HTML 13Page - Analog Devices LTC4357 Datasheet HTML 14Page - Analog Devices LTC4357 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
11 of 29
For DC input supplies, VDDC must be driven from a DC supply voltage that is at least 9.5V higher than the ANODE/VSSA
voltage. Alternatively, VDDA can also be driven directly from a DC power supply whose voltage ranges from 9V to 14V
above VSSA. In this case, the LDO is not used, and users must connect VDDC to VSSA.
Internal undervoltage lockout (UVLO) circuitry drives the GATE pin to VSSA until VDDA has enough voltage to operate
properly. During this time, there is still a conduction path from input to output via the body diode of the external
MOSFET.
Steady-State Operation
Figure 19 shows the MOSFET gate and output voltage waveforms in steady-state operation for the full-bridge rectifier
circuit shown in Figure 20. The input power supply waveform VIN is a 120VRMS, 60Hz sine wave. As VIN nears its peak
voltage on positive half cycles, bottom side gate VBG1 and top side gate VTG1 are driven 12V above their respective
VSSA voltages, turning on M1 and M2 and charging VOUT to the peak VIN voltage. On negative half-cycles, bottom-side
gate VBG2 and top-side gate VTG2 are driven 12V above their respective VSSA voltages, turning on M3 and M4 and
charging VOUT to the peak VIN voltage.
Power MOSFETs M1 to M4 conduct high current to the output with a much lower forward voltage drop than a
Schottky diode, resulting in much higher efficiency and a lower temperature rise.
Figure 19. Full-Bridge Waveforms in Steady State
VTG1(30V/DIV)
VBG1(30V/DIV)
VOUT(30V/DIV)
VTG2(30V/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com