Electronic Components Datasheet Search
  English  ▼

X  

LTC4357 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4357
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4357 Datasheet(HTML) 3 Page - Analog Devices

  LTC4357 Datasheet HTML 1Page - Analog Devices LTC4357 Datasheet HTML 2Page - Analog Devices LTC4357 Datasheet HTML 3Page - Analog Devices LTC4357 Datasheet HTML 4Page - Analog Devices LTC4357 Datasheet HTML 5Page - Analog Devices LTC4357 Datasheet HTML 6Page - Analog Devices LTC4357 Datasheet HTML 7Page - Analog Devices LTC4357 Datasheet HTML 8Page - Analog Devices LTC4357 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
3 of 29
SPECIFICATIONS
Table 1. Electrical Characteristics
(TJ= -40°C to +150°C for the minimum and maximum values. TJA = 25°C for the typical values. VCATHODE = VVDDC =
VVDDA = 12V, VVSSA = VANODE= 0V unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
VDDC Input Supply
Operating Voltage Range
(VDDC to VSSA) 2 3
VVDDC
9.5
12
60
V
VDDA Operating Voltage
Range 4
VVDDA
9
12
14
V
Input Supply
Undervoltage Lockout
VVDDA(UVL)
VDDC Rising; measured at VDDA
4.4
V
VDDA Regulation Voltage
VVDDA
VDDC = 24V, CVDDA = 1µF
11
12.35
14
V
VDDA Regulation
Hysteresis Voltage
VVDDA,HYST
VDDC = 24V, CVDDA = 1µF
-0.6
V
VDDA Drop-Out Voltage,
(VDDC – VDDA)
VDO
VDDC = CATHODE = 11V
120
400
mV
VDDA Input Supply
Current
IVDDA(IN)
Forward Bias,
CATHODE = VDDC= -100mV
2.2
4.4
mA
Reverse Bias,
CATHODE = VDDC = 2V
1.2
2.4
VDDA Output Start-up
Current
ISTART
VDDA = 0V, VDDC = 24V
-3
-12
-50
mA
VDDA Output Refresh
Current
IGULP
VDDA = 10V, VDDC = 24V
-10
-40
-85
mA
CATHODE Input Bias
Current
ICATHODE
Forward Bias,
CATHODE = -25mV
0
-3
-10
µA
Reverse Bias,
CATHODE = 60V
5
20
50
ANODE Input Bias
Current
IANODE
CATHODE = -25mV
0
-3
-10
µA
ANODE–CATHODE
Regulation Voltage
ΔVSD
GATE = 4V
15
25
35
mV
GATE Drive Output High
Voltage (GATE-ANODE)
ΔVGATE(H)
CATHODE = -0.2V, IGATE = -1mA
11.5
11.88
14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com