Electronic Components Datasheet Search
  English  ▼

X  

LTC4357 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4357
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4357 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4357 Datasheet HTML 9Page - Analog Devices LTC4357 Datasheet HTML 10Page - Analog Devices LTC4357 Datasheet HTML 11Page - Analog Devices LTC4357 Datasheet HTML 12Page - Analog Devices LTC4357 Datasheet HTML 13Page - Analog Devices LTC4357 Datasheet HTML 14Page - Analog Devices LTC4357 Datasheet HTML 15Page - Analog Devices LTC4357 Datasheet HTML 16Page - Analog Devices LTC4357 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
13 of 29
Figure 21. LT4322 in a 48VP-P, 60Hz, 1A Half-Wave Rectifier Application
The LT4322 eliminates thermal design problems and costly heat sinks by maximizing available voltage and reducing
power dissipation, which greatly improves efficiency and reduces PC board area. The LT4322 operates with input
frequencies ranging from DC to 100kHz. Thanks to its floating architecture, the maximum operating voltage is limited
only by the voltage ratings of the external MOSFETs in the particular application circuit where it is used. The following
sections cover power-on, ideal diode operation, external component selection, a design example, and
recommended PCB layout techniques.
VDDA Capacitor Selection
In its primary applications, the LT4322 draws its input power from the VDDC pin and generates a 12V supply voltage
between VDDA and VSSA. For AC input supply voltages, the VDDC voltage is nearly zero during the forward bias phase of
the AC cycle. The LT4322 draws its power from a reservoir capacitor, CVDDA, during that time. Choose CVDDA as follows:
CVDDA(µF) = 1,500× t (1)
where t is the period of the AC input supply. Use capacitors with the appropriate voltage rating and temperature
coefficient to ensure that the true capacitance matches the value in equation 1. In low-frequency applications having
large MOSFET gate capacitance and/or high output current, use a 0.1µF ceramic capacitor in parallel with CVDDA for
high-frequency bypassing. Place the 0.1µF capacitor as close to the VDDA and VSSA pins as possible. For frequencies
greater than 200Hz where CVDDA will most likely be a ceramic capacitor, CVDDA is sufficient, and a parallel ceramic
capacitor is not needed.
When powering VDDC with a DC input supply, connect a 1µF or larger capacitor between VDDA and VSSA. When powering
VDDA with a DC input supply, connect a 1µF or larger capacitor between VDDA and VSSA and connect VDDC to VSSA.
MOSFET Selection
The LT4322 drives N-Channel MOSFETs to conduct the load current. The important characteristics of the MOSFET are
on-resistance, RDS(ON), the maximum drain-source voltage, BVDSS, the gate threshold voltage VGS(TH), the continuous
body diode current rating IS and the single pulse avalanche energy rating EDS,AL(R).
The maximum allowable drain-source voltage, BVDSS, must be higher than the maximum CATHODE-to-ANODE
voltage seen in the application circuit. For half-wave rectifier applications, the full peak-to-peak AC input voltage
appears across the MOSFET when the input voltage is at its minimum value. For full-wave rectifier applications, each
of the four MOSFETs sees one-half of the peak-to-peak input voltage. An avalanche-rated MOSFET ensures
robustness during momentary drain-to-source overvoltage conditions.
The MOSFET’s on-resistance, RDS(ON), directly affects the forward voltage drop and power dissipation during heavy
load. The desired forward voltage drop should be less than that of a diode for reduced power dissipation; 100mV is
a good starting point. Given the average output load current IAVG, choose a MOSFET for DC inputs which has:
VIN
VOUT
CVDDA
22µF
CG
10nF
COUT
3000µF
GATE CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
48V p-p
AC
60Hz
BUK7M15-60EX
1A
LOAD
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com