Electronic Components Datasheet Search
  English  ▼

X  

STWBC2-HP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 3Page - STMicroelectronics STWBC2-HP Datasheet HTML 4Page - STMicroelectronics STWBC2-HP Datasheet HTML 5Page - STMicroelectronics STWBC2-HP Datasheet HTML 6Page - STMicroelectronics STWBC2-HP Datasheet HTML 7Page - STMicroelectronics STWBC2-HP Datasheet HTML 8Page - STMicroelectronics STWBC2-HP Datasheet HTML 9Page - STMicroelectronics STWBC2-HP Datasheet HTML 10Page - STMicroelectronics STWBC2-HP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Figure 5. Power management
The on-board DC-DC BUCK converter provides VDD supply voltage starting from external VIN DC source. VDD
voltage is available on the external pin and supplies the internal voltage regulators LDO 3V3 and LDO 1V8. Both
outputs of these regulators are available on the external pin as shown in Figure 5.
LDO 3V3 provides supply voltage for STM32G071 (internal bonding connection), for analog low-voltage circuits
on STWBC2-HP AFE and finally for the level shift stages (from 1.8 V up to 3.3 V) used to interface digital signal
between the STWBC2-HP (1.8 V digital domain) and the STM32G071 (3.3 V digital domain).
LDO 1V8 provides supply voltage for STWBC2-HP AFE digital core and for input stage of the level shifter blocks
mentioned before.
2.1.2
Reset strategy
The STWBC2-HP includes a single NRST pin that is star-connected to both AFE and STM32G071; both STM32
and AFE use bi-directional pad for NRST. The following figure shows the simplified schematic of NRST function
implementation.
For STM32G071 the NRST pin function is:
•
Reset input
•
Warm reset output from WDG, SW reset, …
For AFE the NRST pin function is:
•
Reset input
•
Power ON Reset in link with BUCK DC-DC startup and LDOs startup.
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 7/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com