Electronic Components Datasheet Search
  English  ▼

X  

STWBC2-HP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 6Page - STMicroelectronics STWBC2-HP Datasheet HTML 7Page - STMicroelectronics STWBC2-HP Datasheet HTML 8Page - STMicroelectronics STWBC2-HP Datasheet HTML 9Page - STMicroelectronics STWBC2-HP Datasheet HTML 10Page - STMicroelectronics STWBC2-HP Datasheet HTML 11Page - STMicroelectronics STWBC2-HP Datasheet HTML 12Page - STMicroelectronics STWBC2-HP Datasheet HTML 13Page - STMicroelectronics STWBC2-HP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
Figure 11. Analog monitors
The mux channel assignment is described below:
Table 2. ADC MUX assignment
Channel
ADC mux 0
ADC Mux 1
ADC mux 2
0
VIN voltage (In_V)
1
Bridge voltage (Bridge_V)
2
VIN current (In_I)
3
Bridge current (Bridge_I)
4
Ring node voltage (Ring_V)
5
USB DP pin voltage
(Usb_dp_V)
Voltage demodulator filter output
(Demod_V)
Current demodulator filter output
(Demod_I)
6
USB DM pin voltage
(Usb_dm_V)
VDD voltage (Buck_V)
VDD of gate driver (GD_vdd)
7
Reference voltage of ring
node circuit (Vref_ring)
Reference voltage of current sensor
(Vref_Isns)
Reference voltage of demodulators
(Vref_demod)
Each ADC mux output voltage ranges from 0 V to 2 V and channel selection time is 0.2 µs typ.
2.1.4.1
VIN voltage monitor (In_V)
The VIN voltage monitor provides a scaled down low pass filtered signal to the ADC mux.
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 10/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com