Electronic Components Datasheet Search
  English  ▼

X  

STWBC2-HP Datasheet(PDF) 9 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 5Page - STMicroelectronics STWBC2-HP Datasheet HTML 6Page - STMicroelectronics STWBC2-HP Datasheet HTML 7Page - STMicroelectronics STWBC2-HP Datasheet HTML 8Page - STMicroelectronics STWBC2-HP Datasheet HTML 9Page - STMicroelectronics STWBC2-HP Datasheet HTML 10Page - STMicroelectronics STWBC2-HP Datasheet HTML 11Page - STMicroelectronics STWBC2-HP Datasheet HTML 12Page - STMicroelectronics STWBC2-HP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Figure 9. Buck/boost topologies
The BB-DCDC controller (see 2.1.3 Buck Boost DC-DC analog section) requires the following circuit from analog
domain:
Figure 10. BB DC-DC analog section
2.1.4
Analog monitors
The STWBC2-HP AFE integrates 3 analog mux that are connected to STM32G071 die ADC inputs. Each mux
selects a signal provided by an analog monitor cell. The mux switch time is fast enough allowing high speed
conversion time from STM32 die.
3 multiplexers are in use:
•
ADC0: this is the mux used for general purpose measurements
•
ADC1: this mux is either used as general purpose or to provide the voltage demodulation analog form.
•
ADC2: this mux is either used as general purpose or to provide the current demodulation analog form.
The channel selection (Sel_adcX[2:0]) is provided using SPI registers; selection is either directly applied to the
mux or through a latch. This is configured using SPI register (Latch_adcX). When the channel selection is using
latch mode, the Adc_mux_trig signal is used to latch the selection. The Adc_mux_trig signal comes from STM32
die GPIO. When using latch mode, the FW can prepare the next mux selection by accessing SPI registers while
an ADC conversion is on-going. This selection is applied only after the Adc_mux_trig GPIO toggling. In this way,
the SPI access time can be pipelined with the ADC conversion which improves the overall timing for multiple
channel conversion. The internal signals are shipped to the STM32 ADC input with the necessary rescaling and
gain to fit the ADC conversion range.
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 9/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com