Electronic Components Datasheet Search
  English  ▼

X  

PI5L102 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5L102
Description  CompactPCI Hot Swap Pull-up Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L102 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5L102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PI5L102
CompactPCIHotSwapPull-UpSwitch
5
PS8491C
02/20/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Figure3. SwitchingTime
TestCircuitsandWaveforms
Pulse
Generator
D.U.T.
VIN
RT
VOUT
CL
500
Ω
500
Ω
open
50pF
VCC
6V
tPZL
Control
Input
1.5V
0V
3V
1.5V
3V
0V
1.5V
tPLZ
VOL
3V
0V
tPZH
tPHZ
0.3V
0.3V
Output
Normally
Low
Output
Normally
High
Switch
Switch
GND
VOH
Enable
Disable
EnableandDisableTiming
Test Circuits
t
s
e
Th
c
ti
w
S
W
O
L
d
el
b
a
si
D
W
O
L
d
el
b
a
n
E
d
e
s
o
l
C
SwitchPosition
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of
the Pulse Generator
1. Input Control Enable = Low and Input Control Disable = High
2. Pulse Generator for All Pulses: Rate - <1.0MHz; ZOUT <50Ω
tF, tR <2.5 ns.
Figure 5. VCC Bias Current
Figure 4. Line Termination
100
Ω
120
Ω
+V
PI5L102
R
1mA
VCC
6.2V
ZENER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com