Electronic Components Datasheet Search
  English  ▼

X  

PI5L102 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5L102
Description  CompactPCI Hot Swap Pull-up Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L102 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5L102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8491C
02/20/01
VCC
NC
1
E
NC
2
ID1
IA0
3
ID0
IA1
4
YD
YA
5
20
IB0
6
19
IC0
IB1
7
18
YC
8
17
16
GND
15
14
13
YB
9
10
NC
NC
12
11
NC
IC1
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
TruthTable(1)
Note:
1. H = HighVoltageLevel
L = LowVoltageLevel
ProductPinDescription
PinName
Description
IAn-IDn
Data Inputs
E
Enable
YA-YD
Data Outputs
GND
Ground
VCC
Power
PI5L102
CompactPCI® Hot Swap
Pull-up Switch
ProductFeatures
• Supports CompactPCI precharge voltage selection
• 3.3V/2.7kohms,5V/1ohmlineterminationselection
• Ultra-lowquiescentcurrent:0.1µAtypical
• LowONresistance:7ohmsmaximum
• Single supply operation up to 6.2V ±5%
• Wide bandwidth data rates: >200 Mbps
• Compact20-pinTSSOPpackage
• Mechanicalrelayreplacement
PinConfiguration
E
IA0 IA1 IB0 IB1 IC0 IC1 ID0 ID1
YA
YB
YC
YD
20-Pin
L
ProductDescription
The PI5L102L CompactPCI Hot Swap Pull-up switch is a Quad 1:2
multiplexer. It is designed to switch the 1V precharge bias voltage
and 10-kohm pull-up resistor connected to the CompactPCI bus
signals during Hot Swap. Each switch can connect eight inputs
(IAn to IDn) to a given pull-up voltage level.
In addition, the PI5L102 can be used to select 2.7 kohms/3.3V or
1.0 kohm/5V pull-ups for the system card PCI signal lines.
ON resistance is a low 7 ohms maximum and all eight switches are
selectedordisabledwithasingleCMOS/TTLcompatiblesignal.For
general-purpose applications, the PI5L102 can replace mechanical
relays. In network systems, physical layer signals can be switched.
To reduce the insertion loss, the PI5L102 can be powered by a 6.2V
Zener diode.
EA
YB
YC
YD
Yn
o
it
c
n
u
F
HZ
-i
HZ
-i
HZ
-i
HZ
-i
Hel
b
a
si
D
L1
A
I
,
0
A
I1
B
I
,
0
B
I1
C
I
,
0
C
I1
D
I
,
0
D
Iel
b
a
n
E
CompactPCI is a registered trademark of the PCI Industrial Computer Manufacturers Group


Similar Part No. - PI5L102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100L PERICOM-PI5L100L Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100LE PERICOM-PI5L100LE Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100Q PERICOM-PI5L100Q Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI5L100QE PERICOM-PI5L100QE Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
More results

Similar Description - PI5L102

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4240 LINER-LTC4240 Datasheet
486Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
CompactPCI Bus Hot Swap Controller
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
logo
Linear Technology
LTC4244 LINER-LTC4244 Datasheet
333Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
CompactPCI Bus Hot Swap Controller
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC4244-1 LINER-LTC4244-1_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com