Electronic Components Datasheet Search
  English  ▼

X  

PI5L102 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5L102
Description  CompactPCI Hot Swap Pull-up Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L102 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5L102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L102 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8491C
02/20/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5L102
CompactPCIHotSwapPull-UpSwitch
DC Electrical Characteristics (OvertheOperatingRange,TA=0°Cto+70°C,VCC=6.2V,+5%,–2%)
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.4
—
—
V
VIL
Input LOW Voltage
GuaranteedLogicLOWLevel
–0.5
—
0.8
V
IIH
InputHIGHCurrent
VCC=Max.,VIN=VCC
——±1
µA
IIL
Input LOW Current
VCC=Max.,VIN=GND
—
—
±1
µA
IOZH
High Impedance Output Current
0 ≤ A, B ≤ VCC
——±1
µA
VIK
ClampDiodeVoltage
VCC=Min., IIN=–18mA
—
–0.7
–1.2
V
IOS
Short Circuit Current(3)
A (B) = 0V, B (A) = VCC
100
—
—
mA
VH
Input Hysteresis at Control Pins
—
150
—
mV
RON
Switch On Resistance(4)
VCC= Min.,VIN=0.0V ION=48mA
5
7
VCC=Min.,VIN=2.4V ION=15mA
10
15
MaximumRatings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ............................................................–65°Cto+150°C
Ambient Temperature with Power Applied ............................... 0°Cto+70°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ......–0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ...–0.5Vto+7.0V
DC Input Voltage ....................................................................–0.5Vto+7.0V
DC Output Current ..............................................................................120mA
Power Dissipation ................................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGSmaycausepermanentdamagetothedevice.
This is a stress rating only and functional operation of
the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affectreliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 6.2V, TA = 25°C ambient temperature.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by voltage drop between I and Y pins at indicated current through the switch. ON resistance is determined by
the lower of the voltages on the two (I,Y) pins.
ohm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com