Electronic Components Datasheet Search
  English  ▼

X  

83021I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 83021I
Description  1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83021I Datasheet(HTML) 3 Page - Renesas Technology Corp

  83021I Datasheet HTML 1Page - Renesas Technology Corp 83021I Datasheet HTML 2Page - Renesas Technology Corp 83021I Datasheet HTML 3Page - Renesas Technology Corp 83021I Datasheet HTML 4Page - Renesas Technology Corp 83021I Datasheet HTML 5Page - Renesas Technology Corp 83021I Datasheet HTML 6Page - Renesas Technology Corp 83021I Datasheet HTML 7Page - Renesas Technology Corp 83021I Datasheet HTML 8Page - Renesas Technology Corp 83021I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
©2015 Integrated Device Technology, Inc
December 14, 2015
83021I Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VDD = 3.3V ± 0.3V or 2.5V ± 5%, TA = -40°C to 85°C
Table 3B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 0.3V or 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
 to V
DD/2. See Parameter Measurement Information, Output Load Test Circuit Diagrams.
Table 3C. Differential DC Characteristics, VDD = 3.3V ± 0.3V or 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: For single ended applications, the maximum input voltage for CLK, nCLK is VDD + 0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance,
JA
103
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.0
3.3
3.6
V
2.375
2.5
2.625
V
IDD
Power Supply Current
20
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VDD = 3.6V
2.6
V
VDD = 2.625V
1.8
V
VOL
Output Low Voltage; NOTE 1
VDD = 3.6V or 2.625V
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
nCLK
VIN = VDD = 3.6V or 2.625V
5
µA
CLK
VIN = VDD = 3.6V or 2.625V
150
µA
IIL
Input Low Cureent
nCLK
VIN = 0V, VDD = 3.6V or 2.625V
-150
µA
CLK
VIN = 0V, VDD = 3.6V or 2.625V
-5
µA
VPP
Peak-to-Peak Input Voltage
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com