Electronic Components Datasheet Search
  English  ▼

X  

83021I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 83021I
Description  1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83021I Datasheet(HTML) 1 Page - Renesas Technology Corp

  83021I Datasheet HTML 1Page - Renesas Technology Corp 83021I Datasheet HTML 2Page - Renesas Technology Corp 83021I Datasheet HTML 3Page - Renesas Technology Corp 83021I Datasheet HTML 4Page - Renesas Technology Corp 83021I Datasheet HTML 5Page - Renesas Technology Corp 83021I Datasheet HTML 6Page - Renesas Technology Corp 83021I Datasheet HTML 7Page - Renesas Technology Corp 83021I Datasheet HTML 8Page - Renesas Technology Corp 83021I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
©2015 Integrated Device Technology, Inc
December 14, 2015
General Description
The 83021I is a 1-to-1 Differential-to-LVCMOS/ LVTTL Translator
and a member of the family of High Performance Clock Solutions
from IDT. The differential input is highly flexible and can accept the
following input types: LVPECL, LVDS, LVHSTL, SSTL, and HCSL.
The small 8-lead SOIC footprint makes this device ideal for use in
applications with limited board space.
Features
• One LVCMOS/LVTTL output
• Differential CLK/nCLK input pair
• CLK/nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 350MHz (typical)
• Part-to-part skew: 500ps (maximum)
• Additive phase jitter, RMS: 0.21ps (typical), 3.3V output
• Full 3.3V and 2.5V operating supply
• -40°C to 85°C ambient operating temperature
1
2
3
4
8
7
6
5
VDD
Q0
nc
GND
nc
nCLK
nc
CLK
Q0
CLK
nCLK
Pulldown
Pullup
83021I
8-Lead SOIC, 150Mil
3.9mm x 4.9mm x 1.375mm package body
M Package
Top View
Pin Assignment
Block Diagram
83021I
Datasheet
1-to-1 Differential-to-LVCMOS/LVTTL
Translator


Similar Part No. - 83021I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
More results

Similar Description - 83021I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com