Electronic Components Datasheet Search
  English  ▼

X  

83021I Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 83021I
Description  1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83021I Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 83021I Datasheet HTML 4Page - Renesas Technology Corp 83021I Datasheet HTML 5Page - Renesas Technology Corp 83021I Datasheet HTML 6Page - Renesas Technology Corp 83021I Datasheet HTML 7Page - Renesas Technology Corp 83021I Datasheet HTML 8Page - Renesas Technology Corp 83021I Datasheet HTML 9Page - Renesas Technology Corp 83021I Datasheet HTML 10Page - Renesas Technology Corp 83021I Datasheet HTML 11Page - Renesas Technology Corp 83021I Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
©2015 Integrated Device Technology, Inc
December 14, 2015
83021I Datasheet
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL
and other differential signals. Both signals must meet the VPP and
VCMR input requirements. Figures 2A to 2F show interface
examples for the HiPerClockS CLK/nCLK input driven by the most
common driver types. The input interfaces suggested here are
examples only. Please consult with the vendor of the driver
component to confirm the driver termination requirements. For
example, in Figure 2A, the input termination applies for IDT
HiPerClockS open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 2A. HiPerClockS CLK/nCLK Input
Driven by an IDT Open Emitter
HiPerClockS LVHSTL Driver
Figure 2C. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2E. HiPerClockS CLK/nCLK Input
Driven by a 3.3V HCSL Driver
Figure 2B. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2D. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 2F. HiPerClockS CLK/nCLK Input
Driven by a 2.5V SSTL Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input
CLK
nCLK
Differential
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
Ω
R2
120
Ω
R3
120
Ω
R4
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com