Electronic Components Datasheet Search
  English  ▼

X  

83115 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 83115
Description  Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83115 Datasheet(HTML) 3 Page - Renesas Technology Corp

  83115 Datasheet HTML 1Page - Renesas Technology Corp 83115 Datasheet HTML 2Page - Renesas Technology Corp 83115 Datasheet HTML 3Page - Renesas Technology Corp 83115 Datasheet HTML 4Page - Renesas Technology Corp 83115 Datasheet HTML 5Page - Renesas Technology Corp 83115 Datasheet HTML 6Page - Renesas Technology Corp 83115 Datasheet HTML 7Page - Renesas Technology Corp 83115 Datasheet HTML 8Page - Renesas Technology Corp 83115 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LOW SKEW, 1-TO-16 LVCMOS/LVTTL FANOUT BUFFER
3
Rev C 3/20/15
83115 DATA SHEET
Function Tables
Table 3. OEx Function Table
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
Inputs
Outputs
OE0
OE1
OE2
Control OE2
Q[0:1], Q[14:15]
Control OE1
Q[2:7]
Control OE0
Q[8:13]
0
0
0
Hi-ZHi-ZHi-Z
0
0
1
Active
Hi-Z
Hi-Z
0
1
0
Hi-Z
Active
Hi-Z
0
1
1
Active
Active
Hi-Z
1
0
0
Hi-Z
Hi-Z
Active
1
0
1
Active
Hi-Z
Active
1
1
0
Hi-Z
Active
Active
1
1
1
Active
Active
Active
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance,
JA
49
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com