Electronic Components Datasheet Search
  English  ▼

X  

83115 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 83115
Description  Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83115 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 83115 Datasheet HTML 4Page - Renesas Technology Corp 83115 Datasheet HTML 5Page - Renesas Technology Corp 83115 Datasheet HTML 6Page - Renesas Technology Corp 83115 Datasheet HTML 7Page - Renesas Technology Corp 83115 Datasheet HTML 8Page - Renesas Technology Corp 83115 Datasheet HTML 9Page - Renesas Technology Corp 83115 Datasheet HTML 10Page - Renesas Technology Corp 83115 Datasheet HTML 11Page - Renesas Technology Corp 83115 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev C 3/20/15
8
LOW SKEW, 1-TO-16 LVCMOS/LVTTL FANOUT BUFFER
83115 DATA SHEET
Package Outline and Package Dimension
Package Outline - G Suffix for 28 Lead SSOP
Table 7. Package Dimensions for 28 Lead SSOP
Reference Document: JEDEC Publication 95, MO-137
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
28
A
1.35
1.75
A1
0.10
0.25
A2
1.50
b
0.20
0.30
c
0.18
0.25
D
9.80
10.00
E
5.80
6.20
E1
3.80
4.00
e
0.635 Basic
L
0.40
1.27
0°
8°
ZD
0.84 Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com