Electronic Components Datasheet Search
  English  ▼

X  

83115 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 83115
Description  Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83115 Datasheet(HTML) 2 Page - Renesas Technology Corp

  83115 Datasheet HTML 1Page - Renesas Technology Corp 83115 Datasheet HTML 2Page - Renesas Technology Corp 83115 Datasheet HTML 3Page - Renesas Technology Corp 83115 Datasheet HTML 4Page - Renesas Technology Corp 83115 Datasheet HTML 5Page - Renesas Technology Corp 83115 Datasheet HTML 6Page - Renesas Technology Corp 83115 Datasheet HTML 7Page - Renesas Technology Corp 83115 Datasheet HTML 8Page - Renesas Technology Corp 83115 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev C 3/20/15
2
LOW SKEW, 1-TO-16 LVCMOS/LVTTL FANOUT BUFFER
83115 DATA SHEET
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
OE1
Input
Pullup
Output enable pin. When LOW, forces outputs Q[2:7] to Hi-Z state.
5V tolerant. LVCMOS/LVTTL interface levels. See Table 3.
2, 3, 4, 7, 8,
11, 12, 13,
16, 17, 18,
21, 22, 25,
26, 27
Q0, Q1, Q2, Q3,
Q4, Q5, Q6,
Q7, Q8, Q9,
Q10, Q11, Q12,
Q13, Q14, Q15
Output
Single-ended clock outputs. 15
 output impedance.
LVCMOS/LVTTL interface levels.
5, 6, 23, 24
VDD
Power
Positive supply pins.
9, 10, 19, 20
GND
Power
Power supply ground.
14
IN
Input
Pulldown
Single-ended clock input. 5V tolerant. LVCMOS/LVTTL interface levels.
15
OE0
Input
Pullup
Output enable pin. When LOW, forces outputs Q[8:13] to Hi-Z state.
5V tolerant. LVCMOS/LVTTL interface levels. See Table 3.
28
OE2
Input
Pullup
Output enable pin. When LOW, forces outputs Q[0:1] and Q[14:15] to
Hi-Z state. 5V tolerant. LVCMOS/LVTTL interface levels.
See Table 3.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
CPD
Power Dissipation Capacitance
(per output); NOTE 1
VDD = 3.465V
11
pF
ROUT
Output Impedance
VDD = 3.3V
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com