Electronic Components Datasheet Search
  English  ▼

X  

DA16200 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 53Page - Renesas Technology Corp DA16200 Datasheet HTML 54Page - Renesas Technology Corp DA16200 Datasheet HTML 55Page - Renesas Technology Corp DA16200 Datasheet HTML 56Page - Renesas Technology Corp DA16200 Datasheet HTML 57Page - Renesas Technology Corp DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
57 of 153
© 2023 Renesas Electronics
Figure 31 shows the timing diagram for the SDIO slave.
SDIO_CLK
SDIO_D[3:0]
SDIO_CMD
TCO.DLY
TDO.DLY
TCI.SU
TDI.SU
Figure 31: SDIO Slave Timing Diagram
Table 41 lists the timing parameters for the SDIO slave.
Table 41: SDIO Slave Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
SDIO_CLK frequency
FSCLK
-
-
50
MHz
SDIO_CLK clock duty
50
%
SDIO_CMD input setup time
TCI.SU
3
ns
SDIO_CMD output delay time
TCO.DLY
11 (Note 1)
ns
SDIO_D[3:0] input setup time
TDI.SU
3
ns
SDIO_D[3:0] output delay time
TDO.DLY
11 (Note 1)
ns
Note 1
SDIO signals can set previous output from half cycle.
The SDIO interface requires pullup resistors to be connected between the signal lines and the supply
to enable communication.
DA16200
SD_CLK
SD_CMD
SD_D0
SD_D1
SD_D2
SD_D3
VDD_IO
Figure 32: SDIO Pull-up Resistor
Pull-up resistor values may vary based on the board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com