Electronic Components Datasheet Search
  English  ▼

X  

DA16200 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 54Page - Renesas Technology Corp DA16200 Datasheet HTML 55Page - Renesas Technology Corp DA16200 Datasheet HTML 56Page - Renesas Technology Corp DA16200 Datasheet HTML 57Page - Renesas Technology Corp DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp DA16200 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
58 of 153
© 2023 Renesas Electronics
9.5
I2C Interface
9.5.1
I2C Master
DA16200 includes an I2C master module. Four ranges of clock speed are supported: standard (100
kHz), fast (400 kHz), fast plus (1.0 MHz) and High Speed (3.4 MHz) mode. Table 42 shows the pin
definition of the I2C master interface.
Table 42: I2C Master Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOA1
38
C3
O
I2C_CLK
GPIOA5
33
D2
O
GPIOA9
29
H2
O
GPIOA0
39
A3
I/O
I2C_SDA
GPIOA4
34
F4
I/O
GPIOA8
32
G3
I/O
Figure 33 shows the I2C timing diagram. The timing diagram is the same as that of the I2C slave
timing diagram.
THD;STA
S
SDA
SCL
TR
TSU;DAT
THIGH
TLOW
TR
THD;DAT
TVD;ACK
cont.
...
...
SDA
SCL
cont.
...
...
TSU;STA
THD;STA
Sr
TBUF
P
TSU;STO
S
Figure 33: I2C Master Timing Diagram
Table 43 lists the I2C master timing parameters.
Table 43: I2C Master Timing Parameters
Parameter
Symbol
Fast Mode
High Speed Mode
Unit
Min
Max
Min
Max
Operating Bus clock frequency
Fop_clk
30
120
30
120
MHz
SCL clock frequency
FSCLK
100
400
100
3400
(Note 2)
kHz
Clock Duty (Note 1)
40
60
40
60
%
Hold time of START
THD;STA
0.2
-
0.2
-
μs
Low period of the SCL clock
TLOW
1.27
-
0.55
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com