Electronic Components Datasheet Search
  English  ▼

X  

DA16200 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 71Page - Renesas Technology Corp DA16200 Datasheet HTML 72Page - Renesas Technology Corp DA16200 Datasheet HTML 73Page - Renesas Technology Corp DA16200 Datasheet HTML 74Page - Renesas Technology Corp DA16200 Datasheet HTML 75Page - Renesas Technology Corp DA16200 Datasheet HTML 76Page - Renesas Technology Corp DA16200 Datasheet HTML 77Page - Renesas Technology Corp DA16200 Datasheet HTML 78Page - Renesas Technology Corp DA16200 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
75 of 153
© 2023 Renesas Electronics
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOA10
28
F2
O
UART2_TXD
GPIOC6
10
L11
O
9.11 PWM
Pulse Width Modulation (PWM) is a modulation technique used to encode a message into a pulse
signal. The blocks are designed to adjust output pulse duration by the CPU bus clock (HCLK).
Figure 54 shows the structure of the PWM block.
AHB
Bus
Matrix
PWM OUT
PWM Block 0
Counter (Period)
Register
Counter (High Duty)
PWM Block 1
Counter (Period)
Register
Counter (High Duty)
PWM Block 2
Counter (Period)
Register
Counter (High Duty)
PWM Block 3
Counter (Period)
Register
Counter (High Duty)
PWM OUT
PWM OUT
PWM OUT
HCLK
Counter
Register
AHB Bus
Figure 54: PWM Block Diagram
Table 57 shows the pin definition of the PWM interface. GPIOx means that PWM signals can go out
through any GPIO pins via a register setting.
Table 57: PWM Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOx
PWM[3:0] output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com