Electronic Components Datasheet Search
  English  ▼

X  

DA16200 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 105Page - Renesas Technology Corp DA16200 Datasheet HTML 106Page - Renesas Technology Corp DA16200 Datasheet HTML 107Page - Renesas Technology Corp DA16200 Datasheet HTML 108Page - Renesas Technology Corp DA16200 Datasheet HTML 109Page - Renesas Technology Corp DA16200 Datasheet HTML 110Page - Renesas Technology Corp DA16200 Datasheet HTML 111Page - Renesas Technology Corp DA16200 Datasheet HTML 112Page - Renesas Technology Corp DA16200 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
109 of 153
© 2023 Renesas Electronics
Table 157: HIF_INT_CTRL (0x5003_0008)
Bit
Mode
Symbol
Description
Reset
31
R
HST_INT_ST
SD/eMMC Host Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
30
-
-
Reserved
1'b0
29
R/W
CD_INT_ST
Card Detect Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
28
R/W
WP_INT_ST
Write Protect Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
27
R/W
XTR_END_IST
Read/Write Data Transfer End Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
26
R/W
BLK_END_IST
Read/Write One Block Data Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
25
R/W
NG_CRCS_IST
Negative Write CRC Status Token Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
24
R/W
WDB_TMO_IST
Write Data Busy Time-out Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
23:22
-
-
Reserved
1'b0
21
R/W
RD_CRCE_IST
Read Data CRC Error Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
20
R/W
RD_TMO_IST
Read Data Time-out Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
19
-
-
Reserved
1'b0
18
R/W
RSP_END_IST
Command/Response End Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
17
R/W
RD_CRCE_IST
Read Data CRC Error Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
16
R/W
RSP_TMO_IST
Response Time-out Interrupt Status
0: No Interrupt Generation
1: Interrupt Generation
1'b0
15
R/W
HST_ENT_EN
SD/eMMC Host Interrupt Function Enable Control
0: Disable
1: Enable
1'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com