Electronic Components Datasheet Search
  English  ▼

X  

DA16200 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 128Page - Renesas Technology Corp DA16200 Datasheet HTML 129Page - Renesas Technology Corp DA16200 Datasheet HTML 130Page - Renesas Technology Corp DA16200 Datasheet HTML 131Page - Renesas Technology Corp DA16200 Datasheet HTML 132Page - Renesas Technology Corp DA16200 Datasheet HTML 133Page - Renesas Technology Corp DA16200 Datasheet HTML 134Page - Renesas Technology Corp DA16200 Datasheet HTML 135Page - Renesas Technology Corp DA16200 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
132 of 153
© 2023 Renesas Electronics
10.7 External Interrupt Control Register
External interrupt signal in GPIO Alternative function (see bit[4] in the Table 90) can be configured
and set with this register.
Table 211: External Interrupt Control Register Overview
Address
Registers
Description
0x50001200
EXT_INTB_CTRL
External Interrupt Control [7:0]
0x50001204
EXT_INTB_SET
External Interrupt Set [0]
Table 212: EXT_INTB_CTRL (0x50001200)
Bit
Mode
Symbol
Description
Reset
7:2
R/W
-
Pulse duration. (unit: 256 CPU clocks.)
Valid when edge mode.
6’b100000
1
R/W
-
Interrupt mode
0: level mode
1: edge mode
1’b0
0
R/W
Interrupt Polarity
0: low active
1: high active
1’b0
Table 213: EXT_INTB_SET (0x50001204)
Bit
Mode
Symbol
Description
Reset
0
R/W
-
external interrupt set register.
When level mode, set ‘1’ for trigger and ‘0’ for
clear.
When edge mode, just set ‘1’ and will be cleared
automatically after pulse width.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com