Electronic Components Datasheet Search
  English  ▼

X  

F1192 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F1192
Description  RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1192 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F1192 Datasheet HTML 28Page - Renesas Technology Corp F1192 Datasheet HTML 29Page - Renesas Technology Corp F1192 Datasheet HTML 30Page - Renesas Technology Corp F1192 Datasheet HTML 31Page - Renesas Technology Corp F1192 Datasheet HTML 32Page - Renesas Technology Corp F1192 Datasheet HTML 33Page - Renesas Technology Corp F1192 Datasheet HTML 34Page - Renesas Technology Corp F1192 Datasheet HTML 35Page - Renesas Technology Corp F1192 Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
F1192
RF Dual Wideband Gain-Settable Downconverting Mixer
32
EVKIT BOM
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
C3, C5, C7, C9,
C11, C22
6
1000pF ± 5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
Murata
C4, C6, C8, C10,
C12, C17-C20,
C23
10
10,000pF ± 10%, 50V, X7R Ceramic Capacitor (0603)
GRM188R71H103KA01D
Murata
C21
1
1000pF ± 5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
Murata
C1, C2
2
39pF ± 5%. 5V, C0G Ceramic Capacitor (0402)
GRM1555C1H390J
Murata
R1-R5, R7, R8,
R9, R11, R12,
R13, R14, R15
13
0 Ohm, 1/10W, Resistor (0402)
ERJ-2GE0R00X
Panasonic
R6, R16
2
390 Ohm ± 1%, 1/10W, Resistor (0402)
ERJ-2RKF3900X
Panasonic
R10
1
1.74 kOhm ± 1%, 1/10W, Resistor (0402)
ERJ-2RKF1741X
Panasonic
L1-4
4
390nH ± 5%, 0.29 A, Ceramic Chip Inductor (0805)
0805CS-391XJL
Coilcraft
T1-T2
2
4:1 Center Tap Balun
TC4-6TG2+
Mini-Circuits
J7
1
CONN HEADER VERT DBL 4POS GOLD
67997-108HLF
FCI
J2-J6
3
Edge Launch SMA Connector (Big)
142-0701-851
Emerson Johnson
J1
1
Edge Launch SMA Connector (Small)
142-0711-821
Emerson Johnson
U1
1
RF Dual Wideband Gain-Settable Downconverting Mixer
4x4 TQFN24
F1192NLGI
IDT
1
Printed Circuit Board
F1192 EVKIT REV 01
IDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com