Electronic Components Datasheet Search
  English  ▼

X  

F1192 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # F1192
Description  RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1192 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button F1192 Datasheet HTML 24Page - Renesas Technology Corp F1192 Datasheet HTML 25Page - Renesas Technology Corp F1192 Datasheet HTML 26Page - Renesas Technology Corp F1192 Datasheet HTML 27Page - Renesas Technology Corp F1192 Datasheet HTML 28Page - Renesas Technology Corp F1192 Datasheet HTML 29Page - Renesas Technology Corp F1192 Datasheet HTML 30Page - Renesas Technology Corp F1192 Datasheet HTML 31Page - Renesas Technology Corp F1192 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
F1192
RF Dual Wideband Gain-Settable Downconverting Mixer
28
PIN DIAGRAM
Red denotes internal connection
RF_B
RF_A
13
LO_IN
18
GND [RF_A_rtn]
14
15
16
GND [LO_rtn]
17
LO1_ADJ
19
20
21
22
23
24
6
1
4
3
2
5
7
8
9
10
11
12
NC
NC
LO2_ADJ
VCC
GND [RF_B_rtn]
Bias
Control
IFRef_Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com