Electronic Components Datasheet Search
  English  ▼

X  

F1192 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1192
Description  RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1192 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1192 Datasheet HTML 12Page - Renesas Technology Corp F1192 Datasheet HTML 13Page - Renesas Technology Corp F1192 Datasheet HTML 14Page - Renesas Technology Corp F1192 Datasheet HTML 15Page - Renesas Technology Corp F1192 Datasheet HTML 16Page - Renesas Technology Corp F1192 Datasheet HTML 17Page - Renesas Technology Corp F1192 Datasheet HTML 18Page - Renesas Technology Corp F1192 Datasheet HTML 19Page - Renesas Technology Corp F1192 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
F1192
RF Dual Wideband Gain-Settable Downconverting Mixer
16
TOCs (-4-) Fixed IF = 199 MHz – Output IP2, Channel Isolation, Noise Figure
Output IP2 vs. Temperature and Gain Setting
Channel Isolation vs. Temperature and Gain Setting
Noise Figure vs. Temperature and Gain Setting
Output IP2 vs. Temperature and Gain Setting
(Vcc = 3.15, Tcase = 105C)
Channel Isolation vs. LO Power and Gain Setting
(Vcc = 3.15, Tcase = 105C)
Blocking Noise Figure (Max Gain, LO=1700MHz,
RF=1899MHz, Blocker=1999MHz, 25C ambient)
30
35
40
45
50
55
60
65
70
75
80
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
20
25
30
35
40
45
50
55
60
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
4
6
8
10
12
14
16
18
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
30
35
40
45
50
55
60
65
70
75
80
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / 3dBm LO
G=11dB / 0dBm LO
G=11dB / -6dBm LO
G=8dB / 3dBm LO
G=8dB / 0dBm LO
G=8dB / -6dBm LO
G=5dB / 3dBm LO
G=5dB / 0dBm LO
G=5dB / -6dBm LO
G=2dB / 3dBm LO
G=2dB / 0dBm LO
G=2dB / -6dBm LO
20
25
30
35
40
45
50
55
60
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / 3dBm LO
G=11dB / 0dBm LO
G=11dB / -6dBm LO
G=8dB / 3dBm LO
G=8dB / 0dBm LO
G=8dB / -6dBm LO
G=5dB / 3dBm LO
G=5dB / 0dBm LO
G=5dB / -6dBm LO
G=2dB / 3dBm LO
G=2dB / 0dBm LO
G=2dB / -6dBm LO
4
8
12
16
20
24
-20
-16
-12
-8
-4
0
4
8
Blocking Signal Level (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com