Electronic Components Datasheet Search
  English  ▼

X  

PES8NT2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PES8NT2
Description  8-Lane 2-Port Non-Transparent PCI Express® Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES8NT2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PES8NT2 Datasheet HTML 1Page - Renesas Technology Corp PES8NT2 Datasheet HTML 2Page - Renesas Technology Corp PES8NT2 Datasheet HTML 3Page - Renesas Technology Corp PES8NT2 Datasheet HTML 4Page - Renesas Technology Corp PES8NT2 Datasheet HTML 5Page - Renesas Technology Corp PES8NT2 Datasheet HTML 6Page - Renesas Technology Corp PES8NT2 Datasheet HTML 7Page - Renesas Technology Corp PES8NT2 Datasheet HTML 8Page - Renesas Technology Corp PES8NT2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1 of 28
January 5, 2009
© 2009 Integrated Device Technology, Inc.
DSC 6925
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
®
Device Overview
The 89HPES8NT2 is a member of the IDT PRECISE™ family of PCI
Express® switching solutions offering the next-generation I/O intercon-
nect standard. The PES8NT2 is a 8-lane, 2-port peripheral chip that
provides high-performance switching and non-transparent bridging
(NTB) functions between a PCIe® upstream port and an NTB down-
stream port. The PES8NT2 is a part of the IDT PCIe System Intercon-
nect Products and is intended to be used with IDT PCIe System
Interconnect Switches. Together, the chipset targets multi-host and intel-
ligent I/O applications such as communications, storage, and blade
servers where inter-domain communication is required.
Features
◆
High Performance PCI Express Switch
– Eight PCI Express lanes (2.5Gbps), two switch ports
– Delivers 32 Gbps (4 GBps) of aggregate switching capacity
– Low latency cut-through switch architecture
– Support for Max Payload size up to 2048 bytes
– Supports one virtual channel and eight traffic classes
– PCI Express Base specification Revision 1.0a compliant
◆
Flexible Architecture with Numerous Configuration Options
– Supports automatic per port link width negotiation (x8, x4, x2,
or x1)
– Static lane reversal on all ports
– Automatic polarity inversion on all lanes
– Supports locked transactions, allowing use with legacy soft-
ware
– Ability to load device configuration from serial EEPROM
– Ability to control device via SMBus
◆
Non-Transparent Port
– Crosslink support on NTB port
– Four mapping windows supported
• Each may be configured as a 32-bit memory or I/O window
• May be paired to form a 64-bit memory window
– Interprocessor communication
• Thirty-two inbound and outbound doorbells
• Four inbound and outbound message registers
• Two shared scratchpad registers
– Allows up to sixteen masters to communicate through the non-
transparent port
– No limit on the number of supported outstanding transactions
through the non-transparent bridge
– Completely symmetric non-transparent bridge operation
allows similar/same configuration software to be run
– Supports direct connection to a transparent or non-transparent
port of another switch
◆
Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates eight 2.5 Gbps embedded full duplex SerDes, 8B/
10B encoder/decoder (no separate transceivers needed)
Block Diagram
Figure 1 Internal Block Diagram
8 PCI Express Lanes
x4 Upstream Port and One x4 Downstream Port
2-Port Switch Core
Frame Buffer
Route Table
Port
Arbitration
Scheduler
SerDes
Phy
Logical
Layer
SerDes
Phy
Logical
Layer
SerDes
Phy
Logical
Layer
...
Multiplexer / Demultiplexer
Transaction Layer
Data Link Layer
SerDes
Phy
Logical
Layer
SerDes
Phy
Logical
Layer
SerDes
Phy
Logical
Layer
...
Multiplexer / Demultiplexer
Transaction Layer
Data Link Layer
Non-
Transparent
Bridge
89HPES8NT2
Data Sheet
8-Lane 2-Port Non-Transparent
PCI Express® Switch


Similar Part No. - PES8NT2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PES8T5 RENESAS-PES8T5 Datasheet
744Kb / 32P
8-Lane 5-Port PCI Express® Switch
March 27, 2008
More results

Similar Description - PES8NT2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16NT2 IDT-89HPES16NT2 Datasheet
53Kb / 3P
16-Lane 2-Port Non-Transparent PCI Express짰 Switch
89HPES8NT2 IDT-89HPES8NT2 Datasheet
53Kb / 3P
8-Lane 2-Port Non-Transparent PCI Express짰 Switch
logo
Renesas Technology Corp
PES16NT2 RENESAS-PES16NT2 Datasheet
1Mb / 30P
16-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES24NT3 RENESAS-PES24NT3 Datasheet
1Mb / 32P
24-Lane 3-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES32T8 RENESAS-PES32T8 Datasheet
1Mb / 38P
32-Lane 8-Port PCI Express® Switch
March 25, 2008
PES8T5 RENESAS-PES8T5 Datasheet
744Kb / 32P
8-Lane 5-Port PCI Express® Switch
March 27, 2008
89HPES12NT3 RENESAS-89HPES12NT3 Datasheet
862Kb / 30P
12-lane 3-Port Non-Transparent PCI Express® Switch
February 19, 2009
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
8-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES32H8 RENESAS-89HPES32H8 Datasheet
655Kb / 41P
32-Lane 8-Port PCI Express® System Interconnect Switch
October 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com