Electronic Components Datasheet Search
  English  ▼

X  

PES8NT2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PES8NT2
Description  8-Lane 2-Port Non-Transparent PCI Express® Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES8NT2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PES8NT2 Datasheet HTML 9Page - Renesas Technology Corp PES8NT2 Datasheet HTML 10Page - Renesas Technology Corp PES8NT2 Datasheet HTML 11Page - Renesas Technology Corp PES8NT2 Datasheet HTML 12Page - Renesas Technology Corp PES8NT2 Datasheet HTML 13Page - Renesas Technology Corp PES8NT2 Datasheet HTML 14Page - Renesas Technology Corp PES8NT2 Datasheet HTML 15Page - Renesas Technology Corp PES8NT2 Datasheet HTML 16Page - Renesas Technology Corp PES8NT2 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13 of 28
January 5, 2009
IDT 89HPES8NT2 Data Sheet
Recommended Operating Temperature
Power Consumption
Typical power is measured under the following conditions: 25°C Ambient, 35% total link usage on all ports, typical voltages defined in Table 14.
Maximum power is measured under the following conditions: 70°C Ambient, 85% total link usage on all ports, maximum voltages defined in
Table 14.
All power measurements assume that the part is mounted on a 10 layer printed circuit board with 0 LFM airflow.
Thermal Considerations
This section describes thermal considerations for the PES8NT2 (19mm2 BCG324 package). The data in Table 15 below contains information that
is relevant to the thermal performance of the PES8NT2 switch.
Note: The parameter θJA(eff) is not the absolute thermal resistance for the package as defined by JEDEC (JESD-51). Because resistance
can vary with the number of board layers, size of the board, and airflow, θJA(eff) is the effective thermal resistance. The values for effective
θJA given above are based on a 10-layer, standard height, full length (4.3”x12.2”) PCIe add-in card.
Grade
Temperature
Commercial
0
°C to +70°C Ambient
Table 13 PES8NT2 Operating Temperatures
Number of
Connected Lanes:
Port-A/Port-C
Core (Watts)
(1.0V supply)
PCIe Digital
(Watts)
(1.0V supply)
PCIe Analog
(Watts)
(1.0V supply)
PCIe Termin-
ation (Watts)
(1.5V supply)
I/O (Watts)
(3.3V supply)
Total (Watts)
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Typ
Max
4/4
220
390
300
450
100
150
100
210
3
3
0.22
0.43
0.30
0.50
0.10
0.17
0.15
0.33
0.01
0.01
0.78
1.43
Table 14 PES8NT2 Power Consumption
Symbol
Parameter
Value
Units
Conditions
TJ(max)
Junction Temperature
125
oCMaximum
TA(max)
Ambient Temperature
70
oC
Maximum for commercial-rated products
θJA(effective)
Effective Thermal Resistance, Junction-to-Ambient
21.8
oC/W
Zero air flow
15.1
oC/W
1 m/S air flow
13.9
oC/W
2 m/S air flow
θJB
Thermal Resistance, Junction-to-Board
11.4
oC/W
θJC
Thermal Resistance, Junction-to-Case
5.1
oC/W
P
Power Dissipation of the Device
1.43
Watts
Maximum
Table 15 Thermal Specifications for PES8NT2, 19x19mm BCG324 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com