Electronic Components Datasheet Search
  English  ▼

X  

PES8NT2 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # PES8NT2
Description  8-Lane 2-Port Non-Transparent PCI Express® Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES8NT2 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button PES8NT2 Datasheet HTML 21Page - Renesas Technology Corp PES8NT2 Datasheet HTML 22Page - Renesas Technology Corp PES8NT2 Datasheet HTML 23Page - Renesas Technology Corp PES8NT2 Datasheet HTML 24Page - Renesas Technology Corp PES8NT2 Datasheet HTML 25Page - Renesas Technology Corp PES8NT2 Datasheet HTML 26Page - Renesas Technology Corp PES8NT2 Datasheet HTML 27Page - Renesas Technology Corp PES8NT2 Datasheet HTML 28Page - Renesas Technology Corp PES8NT2 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
28 of 28
January 5, 2009
IDT 89HPES8NT2 Data Sheet
CORPORATE HEADQUARTERS
6024 Silver Creek Valley Road
San Jose, CA 95138
for SALES:
800-345-7015 or 408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
email: ssdhelp@idt.com
phone: 408-284-8208
®
Ordering Information
Valid Combinations
89HPES8NT2ZBBC
324-pin BC324 package, Commercial Temperature
89HPES8NT2ZBBCG
324-pin Green BC324 package, Commercial Temperature
NN
A
AAA
NNAAN
AA
A
Operating
Voltage
Device
Family
Product
Package
Temp Range
H
Blank
Commercial Temperature
(0°C to +70°C Ambient)
Product
Family
89
Serial Switching Product
BC324 324-ball CABGA
BC
8NT2
8-lane, 2-port
1.0V +/- 0.1V Core Voltage
Detail
PCI Express Switch
PES
Legend
A = Alpha Character
N = Numeric Character
BCG324 324-ball CABGA, Green
BCG
AA
Revision
ID
ZB
Silicon revision
Non-Transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com