Electronic Components Datasheet Search
  English  ▼

X  

LM4734 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4734
Description  3 Channel 20W Audio Power Amplifier with Mute and Standby
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4734 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4734 Datasheet HTML 1Page - National Semiconductor (TI) LM4734 Datasheet HTML 2Page - National Semiconductor (TI) LM4734 Datasheet HTML 3Page - National Semiconductor (TI) LM4734 Datasheet HTML 4Page - National Semiconductor (TI) LM4734 Datasheet HTML 5Page - National Semiconductor (TI) LM4734 Datasheet HTML 6Page - National Semiconductor (TI) LM4734 Datasheet HTML 7Page - National Semiconductor (TI) LM4734 Datasheet HTML 8Page - National Semiconductor (TI) LM4734 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage |V
+|+|V-|
60V
Common Mode Input Voltage
(V
+ or V-) and
|V
+|+|V-|
≤ 54V
Differential Input Voltage (Note 12)
54V
Output Current
Internally Limited
Power Dissipation (Note 3)
125W
ESD Susceptability (Note 4)
2.0kV
ESD Susceptability (Note 5)
200V
Junction Temperature (T
JMAX) (Note 9)
150˚C
Soldering Information
TA Package (10 seconds)
260˚C
Storage Temperature
-40˚C to +150˚C
Thermal Resistance
θ
JA
30˚C/W
θ
JC
1.0˚C/W
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−20˚C
≤ T
A
≤ +85˚C
Supply Voltage |V
+|+|V-|
20V
≤ V
TOTAL
≤ 60V
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
+ = +21V, V- = −21V, and R
L =8
Ω unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4734
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
|V
+|+|V-|
Power Supply Voltage (Note
10)
GND−V
-
≥ 9.5V
18
20
60
V (min)
V (max)
A
M
Mute Attenuation
V
MUTE = 2.5V
110
dB
P
O
Output Power (RMS)
THD+N = 10% (max), f = 1kHz
|V
+|=|V-| = 17V, R
L =4
Ω
|V
+|=|V-| = 21V, R
L =8
Ω
20
20
15
15
W (min)
W (min)
THD+N = 1% (max), f = 1kHz
|V
+|=|V-| = 17V, R
L =4
Ω
|V
+|=|V-| = 21V, R
L =8
Ω
17
18
W
W
THD+N
Total Harmonic Distortion +
Noise
P
O = 1W, f = 1kHz
A
V = 26dB
|V
+|=|V-| = 17V, R
L =4
Ω
|V
+|=|V-| = 21V, R
L =8
Ω
0.05
0.03
%
%
X
talk
Channel Separation (Note 11)
P
O = 10W, f = 1kHz
65
dB
P
O = 10W, f = 10kHz
55
dB
SR
Slew Rate
V
IN = 1.414VRMS,trise = 2ns
18
V/µs
I
DD
Total Quiescent Power Supply
Current
V
CM = 0V, VO = 0V, IO =0A
V
STANDBY = GND, Standby = Off
V
STANDBY = 5V, Standby = On
75
8
120
10
mA (max)
mA (max)
V
OS
Input Offset Voltage
V
CM = 0V, IO = 0mA
2.0
15
mV (max)
I
B
Input Bias Current
V
CM = 0V, IO = 0mA
0.2
µA
PSRR
Power Supply Rejection Ratio
V
+ =21V+V
RIPPLE (1VRMS),
f
RIPPLE = 120Hz Sine, V
- = –21V
DC
75
dB
V
- = –21V+V
RIPPLE (1VRMS),
f
RIPPLE = 120Hz Sine, V
+ = 21V
DC
64
dB
A
VOL
Open Loop Voltage Gain
|V
+|=|V-| = 21V, R
L =2k
Ω
∆V
O = 15V
110
dB
e
IN
Input Noise
IHF-A-Weighting Filter,
R
IN = 600
Ω (Input Referred)
2.0
µV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com