Electronic Components Datasheet Search
  English  ▼

X  

LM4734 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4734
Description  3 Channel 20W Audio Power Amplifier with Mute and Standby
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4734 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4734 Datasheet HTML 1Page - National Semiconductor (TI) LM4734 Datasheet HTML 2Page - National Semiconductor (TI) LM4734 Datasheet HTML 3Page - National Semiconductor (TI) LM4734 Datasheet HTML 4Page - National Semiconductor (TI) LM4734 Datasheet HTML 5Page - National Semiconductor (TI) LM4734 Datasheet HTML 6Page - National Semiconductor (TI) LM4734 Datasheet HTML 7Page - National Semiconductor (TI) LM4734 Datasheet HTML 8Page - National Semiconductor (TI) LM4734 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM4734
3 Channel 20W Audio Power Amplifier with Mute and
Standby
General Description
The LM4734 is a three channel audio amplifier capable of
typically delivering 20W per channel of continuous average
output power into a 4
Ω or 8Ω load with less than 10%
THD+N from 20Hz - 20kHz.
The LM4734 has short circuit protection and a thermal shut
down feature that is activated when the die temperature
exceeds 150˚C. The LM4734 also has an under voltage lock
out feature for click and pop free power on and off.
Each amplifier of the LM4734 has an independent smooth
transition fade-in/out mute and a power conserving standby
mode. The mute and standby modes can be controlled by
external logic.
The LM4734 has a wide supply operating supply range from
±10V - ±30V allowing for lower cost unregulated power
supplies to be used.
The LM4734 can easily be configured for bridge or parallel
operation for higher power and bi-amp solutions.
Key Specifications
j Output Power/Channel with 10% THD+N,
1kHz into 4
Ω or 8Ω
20W (typ)
j THD+N at 3x1W into 8
Ω, 1kHz
0.03% (typ)
j Mute Attenuation
110dB (typ)
j PSRR
64dB (typ)
j Slew Rate
18V/µs (typ)
Features
n
Low external component count
n
Quiet fade-in/out mute mode
n
Low power standby mode
n
Wide supply range: 20V - 60V
Applications
n
Audio amplifier for component stereo
n
Audio amplifier for compact stereo
n
Audio amplifier for home theater in a box (HTB)
n
Audio amplifier for high-end and HD TVs
Typical Application
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
200898D2
FIGURE 1. Typical Audio Amplifier Application Circuit
February 2004
© 2004 National Semiconductor Corporation
DS200898
www.national.com


Similar Part No. - LM4734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4734TABD TI1-LM4734TABD Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
More results

Similar Description - LM4734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com