Electronic Components Datasheet Search
  English  ▼

X  

85352 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 85352
Description  12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85352 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 85352 Datasheet HTML 3Page - Renesas Technology Corp 85352 Datasheet HTML 4Page - Renesas Technology Corp 85352 Datasheet HTML 5Page - Renesas Technology Corp 85352 Datasheet HTML 6Page - Renesas Technology Corp 85352 Datasheet HTML 7Page - Renesas Technology Corp 85352 Datasheet HTML 8Page - Renesas Technology Corp 85352 Datasheet HTML 9Page - Renesas Technology Corp 85352 Datasheet HTML 10Page - Renesas Technology Corp 85352 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
©2015 Integrated Device Technology, Inc.
Revision C, December 1, 2015
85352 Datasheet
Parameter Measurement Information, continued
Output Duty Cycle/Pulse Width/Period
Output Rise/Fall Time
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
CLK/nCLK Inputs
For applications not requiring the use of the differential input, both
CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK to ground.
Outputs:
LVPECL Outputs
The unused LVPECL output pair can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
Q[0:11]
nQ[0:11]
Q[0:11]
nQ[0:11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com