Electronic Components Datasheet Search
  English  ▼

X  

85352 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 85352
Description  12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85352 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 85352 Datasheet HTML 13Page - Renesas Technology Corp 85352 Datasheet HTML 14Page - Renesas Technology Corp 85352 Datasheet HTML 15Page - Renesas Technology Corp 85352 Datasheet HTML 16Page - Renesas Technology Corp 85352 Datasheet HTML 17Page - Renesas Technology Corp 85352 Datasheet HTML 18Page - Renesas Technology Corp 85352 Datasheet HTML 19Page - Renesas Technology Corp 85352 Datasheet HTML 20Page - Renesas Technology Corp 85352 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
©2015 Integrated Device Technology, Inc.
Revision C, December 1, 2015
85352 Datasheet
Ordering Information
Table 9. Ordering Information Table
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
85352AYILF
ICS85352AYIL
48 Lead TQFP, E-Pad, Lead-Free
Tray
-40
C to 85C
85352AYILFT
ICS85352AYIL
48 Lead TQFP, E-Pad, Lead-Free
Tape & Reel
-40
C to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com