Electronic Components Datasheet Search
  English  ▼

X  

85352 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 85352
Description  12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85352 Datasheet(HTML) 1 Page - Renesas Technology Corp

  85352 Datasheet HTML 1Page - Renesas Technology Corp 85352 Datasheet HTML 2Page - Renesas Technology Corp 85352 Datasheet HTML 3Page - Renesas Technology Corp 85352 Datasheet HTML 4Page - Renesas Technology Corp 85352 Datasheet HTML 5Page - Renesas Technology Corp 85352 Datasheet HTML 6Page - Renesas Technology Corp 85352 Datasheet HTML 7Page - Renesas Technology Corp 85352 Datasheet HTML 8Page - Renesas Technology Corp 85352 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
©2015 Integrated Device Technology, Inc.
Revision D, December 1, 2015
General Description
The 85352 is a 12 bit, 2-to-1 LVPECL Clock Buffer. Individual input
select controls support independent multiplexer operation from a
common clock input source. Clock inputs accept most standard
differential levels.
The 85352 is characterized at full 3.3V or mixed 3.3V core/2.5V
output operating supply modes.
Features
• Twelve, 2-to-1 multiplexers with LVPECL outputs
• Selectable differential CLKx, nCLKx input pairs
• CLK, nCLK pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Individual select control for each multiplexer
• Select inputs accept LVCMOS / LVTTL levels
• Propagation delay: 2ns (maximum)
• Additive Phase Jitter, RMS: 0.21ps (typical), 3.3V
• Full 3.3V or mixed 3.3V core/2.5V output supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
Q9
nQ9
Q10
nQ10
Q11
nQ11
85352
0
1
0
1
12
nQ0
Q0
nQ11
Q11
SEL0:SEL11
CLK0
nCLK0
CLK1
nCLK1
Pulldown
Pulldown
Pullup/Pulldown
Pullup/Pulldown
Pulldown
Block Diagram
Pin Assignment
85352
48-Lead TQFP, E-Pad
7mm x 7mm x 1.0mm package body
Y Package
Top View
85352
Datasheet
12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer


Similar Part No. - 85352

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
LVPECL Clock Buffer
85352AYILF IDT-85352AYILF Datasheet
358Kb / 20P
LVPECL Clock Buffer
85352AYILFT IDT-85352AYILFT Datasheet
358Kb / 20P
LVPECL Clock Buffer
More results

Similar Description - 85352

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99448 ALSC-ASM2I99448 Datasheet
594Kb / 15P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
PulseCore Semiconductor
PCS2I99448 PULSECORE-PCS2I99448 Datasheet
598Kb / 15P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180C AKM-AK8180C Datasheet
1,006Kb / 12P
2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com