Electronic Components Datasheet Search
  English  ▼

X  

85408 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 85408
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85408 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 85408 Datasheet HTML 4Page - Renesas Technology Corp 85408 Datasheet HTML 5Page - Renesas Technology Corp 85408 Datasheet HTML 6Page - Renesas Technology Corp 85408 Datasheet HTML 7Page - Renesas Technology Corp 85408 Datasheet HTML 8Page - Renesas Technology Corp 85408 Datasheet HTML 9Page - Renesas Technology Corp 85408 Datasheet HTML 10Page - Renesas Technology Corp 85408 Datasheet HTML 11Page - Renesas Technology Corp 85408 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Rev C 1/5/15
8
LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK
85408 DATA SHEET
Parameter Measurement Information, continued
Output Rise/Fall Time
Differential Output Voltage Setup
Differential Output Short Circuit Setup
Offset Voltage Setup
Power Off Leakage Setup
Output Short Circuit Current Setup
20%
80%
80%
20%
tR
t F
VOD
Q[0:7]
nQ[0:7]
out
out
LVDS
DC Input
➤
I
OSD
V
DD
LVDS
➤
I
OFF
V
DD
out
LVDS
DC Input
➤
IOS
➤
IOSB
V
DD
out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com