Electronic Components Datasheet Search
  English  ▼

X  

85408 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 85408
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85408 Datasheet(HTML) 1 Page - Renesas Technology Corp

  85408 Datasheet HTML 1Page - Renesas Technology Corp 85408 Datasheet HTML 2Page - Renesas Technology Corp 85408 Datasheet HTML 3Page - Renesas Technology Corp 85408 Datasheet HTML 4Page - Renesas Technology Corp 85408 Datasheet HTML 5Page - Renesas Technology Corp 85408 Datasheet HTML 6Page - Renesas Technology Corp 85408 Datasheet HTML 7Page - Renesas Technology Corp 85408 Datasheet HTML 8Page - Renesas Technology Corp 85408 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATA SHEET
Low Skew, 1-to-8, Differential-to-LVDS
Clock
85408
85408 Rev C 1/5/15
1
©2015 Integrated Device Technology, Inc.
General Description
The 85408 is a low skew, high performance 1-to-8
Differential-to-LVDS Clock Distribution Chip. The 85408 CLK, nCLK
pair can accept most differential input levels and translates them to
3.3V LVDS output levels. Utilizing Low Voltage Differential Signaling
(LVDS), the 85408 provides a low power, low noise, low skew,
point-to-point solution for distributing LVDS clock signals.
Guaranteed output and part-to-part skew specifications make the
85408 ideal for those applications demanding well defined
performance and repeatability.
Features
• Eight differential LVDS output pairs
• CLK/nCLK can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Translates any differential input signal (LVPECL, LVHSTL, SSTL,
HCSL) to LVDS levels without external bias networks
• Translates any single-ended input signal to LVDS with resistor
bias on nCLK input
• Output skew: 50ps (maximum)
• Part-to-part skew: 550ps (maximum)
• Propagation delay: 2.4ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
nQ6
Q6
nQ5
Q5
nQ4
Q4
nQ3
Q3
nQ2
Q2
nQ1
Q1
Q7
nQ7
GND
OE
VDD
VDD
GND
VDD
CLK
nCLK
Q0
nQ0
CLK
nCLK
OE
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Pin Assignment
85408
24-Lead TSSOP
4.4mm x 7.8mm x 0.925mm package body
G Package
Top View
Block Diagram


Similar Part No. - 85408

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85408BGILF IDT-85408BGILF Datasheet
299Kb / 16P
Low Skew, 1-to-8 , Different ial-to-LVDS Clock
logo
Renesas Technology Corp
85408BGILF RENESAS-85408BGILF Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
logo
Integrated Device Techn...
85408BGILFT IDT-85408BGILFT Datasheet
299Kb / 16P
Low Skew, 1-to-8 , Different ial-to-LVDS Clock
logo
Renesas Technology Corp
85408BGILFT RENESAS-85408BGILFT Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
logo
Integrated Device Techn...
85408BGLF IDT-85408BGLF Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
More results

Similar Description - 85408

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
ICS8547 ICST-ICS8547 Datasheet
119Kb / 12P
HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
REV. A FEBRUARY 4, 2003
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
85408 IDT-85408_15 Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408I RENESAS-85408I Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com