Electronic Components Datasheet Search
  English  ▼

X  

85408 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 85408
Description  Low Skew, 1-to-8, Differential-to-LVDS Clock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85408 Datasheet(HTML) 2 Page - Renesas Technology Corp

  85408 Datasheet HTML 1Page - Renesas Technology Corp 85408 Datasheet HTML 2Page - Renesas Technology Corp 85408 Datasheet HTML 3Page - Renesas Technology Corp 85408 Datasheet HTML 4Page - Renesas Technology Corp 85408 Datasheet HTML 5Page - Renesas Technology Corp 85408 Datasheet HTML 6Page - Renesas Technology Corp 85408 Datasheet HTML 7Page - Renesas Technology Corp 85408 Datasheet HTML 8Page - Renesas Technology Corp 85408 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev C 1/5/15
2
LOW SKEW, 1-TO-8, DIFFERENTIAL-TO-LVDS CLOCK
85408 DATA SHEET
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. Output Enable Function Table
Number
Name
Type
Description
1, 2
nQ6, Q6
Output
Differential output pair. LVDS interface levels.
3, 4
nQ5, Q5
Output
Differential output pair. LVDS interface levels.
5, 6
nQ4, Q4
Output
Differential output pair. LVDS interface levels.
7, 8
nQ3, Q3
Output
Differential output pair. LVDS interface levels.
9, 10
nQ2, Q2
Output
Differential output pair. LVDS interface levels.
11, 12
nQ1, Q1
Output
Differential output pair. LVDS interface levels.
13, 14
nQ0, Q0
Output
Differential output pair. LVDS interface levels.
15
nCLK
Input
Pullup
Inverting differential clock input.
16
CLK
Input
Pulldown
Non-inverting differential clock input.
17, 19, 20
VDD
Power
Positive supply pins.
18, 21
GND
Power
Power supply ground.
22
OE
Input
Pullup
Output enable. Controls the enabling and disabling of outputs Qx, nQx. When HIGH,
the outputs are enabled. When LOW, the outputs are in High-Impedance. LVCMOS /
LVTTL interface levels.
23, 24
nQ7, Q7
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
(per output)
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
Inputs
Outputs
OE
Q[0:7], nQ[0:7]
0
High-Impedance
1
Active (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com