Electronic Components Datasheet Search
  English  ▼

X  

SP3238CA/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3238CA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238CA/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3238CA/TR Datasheet HTML 4Page - Sipex Corporation SP3238CA/TR Datasheet HTML 5Page - Sipex Corporation SP3238CA/TR Datasheet HTML 6Page - Sipex Corporation SP3238CA/TR Datasheet HTML 7Page - Sipex Corporation SP3238CA/TR Datasheet HTML 8Page - Sipex Corporation SP3238CA/TR Datasheet HTML 9Page - Sipex Corporation SP3238CA/TR Datasheet HTML 10Page - Sipex Corporation SP3238CA/TR Datasheet HTML 11Page - Sipex Corporation SP3238CA/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
8
DESCRIPTION
The SP3238 device meets the EIA/TIA-232 and
ITU-T V.28/V.24 communication protocols and
can be implemented in battery-powered, por-
table, or hand-held applications such as
notebook or palmtop computers. The SP3238
device features Sipex's proprietary and patented
(U.S. #5,306,954) on-board charge pump
circuitry that generates
±5.5V RS-232 voltage
levels from a single +3.0V to +5.5V power
supply. The SP3238 device can guarantee a data
rate of 250kbps fully loaded.
The SP3238 is a 5-driver/3-receiver device,
ideal for portable or hand-held applications.
The SP3238 includes one complementary
always-active receiver that can monitor an
external device (such as a modem) in shutdown.
This aids in protecting the UART or serial
controller IC by preventing forward biasing
of the protection diodes where VCC may be
disconnected.
The SP3238 device is an ideal choice for
power sensitive designs. The SP3238 device
features
AUTO ON-LINE® circuitry which re-
duces the power supply drain to a 1
µA supply
current. In many portable or hand-held applica-
tions, an RS-232 cable can be disconnected or a
connected peripheral can be turned off. Under
these conditions, the internal charge pump and
the drivers will be shut down. Otherwise, the
system automatically comes online. This feature
allows design engineers to address power saving
concerns without major design changes.
THEORY OF OPERATION
The SP3238 device is made up of four basic
circuit blocks:
1.
Drivers,
2.
Receivers,
3.
the Sipex proprietary charge pump, and
4.
AUTO ON-LINE® circuitry.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to 5.0V EIA/
TIA-232 levels with an inverted sense relative to
the input logic levels. Typically, the RS-232
output voltage swing is +5.4V with no load and
+5V minimum fully loaded. The driver outputs
are protected against infinite short-circuits to
ground without degradation in reliability. These
drivers comply with the EIA-TIA-232F and all
previous RS-232 versions.
The drivers can guarantee a data rate of 250kbps
fully loaded with 3k
Ω in parallel with 1000pF,
ensuring compatibility with PC-to-PC commu-
nication software. All unused driver inputs must
be connected to VCC or GND.
The slew rate of the driver output is internally
limited to a maximum of 30V/
µs in order to
meet the EIA standards (EIA RS-232D 2.1.7,
Paragraph 5). The transition of the loaded
output from HIGH to LOW also meets the
monotonicity requirements of the standard.
Figure 6. Interface Circuitry Controlled by
Microprocessor Supervisory Circuit
SP3238
28
25
3
1
27
4
26
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
13
14
15
VCC
2
ONLINE
SHUTDOWN
STATUS
µP
Supervisor
IC
VCC
VIN
RESET
5kΩ
5kΩ
5kΩ
24
23
22
16
21
20
18
5
6
7
8
9
11
RS-232
OUTPUTS
RS-232
INPUTS
T
1IN
R
1OUT
R
1IN
T
2OUT
R
1OUT
T
2IN
T
3IN
T
3OUT
T
1OUT
R
2IN
R
3IN
R
2OUT
R
3OUT
UART
or
Serial µC
TxD
RTS
DTR
RxD
CTS
DSR
DCD
RI
19
17
10
12
T
4OUT
T
4IN
T
5IN
T
5OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com