Electronic Components Datasheet Search
  English  ▼

X  

SP3238CA/TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3238CA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238CA/TR Datasheet(HTML) 4 Page - Sipex Corporation

  SP3238CA/TR Datasheet HTML 1Page - Sipex Corporation SP3238CA/TR Datasheet HTML 2Page - Sipex Corporation SP3238CA/TR Datasheet HTML 3Page - Sipex Corporation SP3238CA/TR Datasheet HTML 4Page - Sipex Corporation SP3238CA/TR Datasheet HTML 5Page - Sipex Corporation SP3238CA/TR Datasheet HTML 6Page - Sipex Corporation SP3238CA/TR Datasheet HTML 7Page - Sipex Corporation SP3238CA/TR Datasheet HTML 8Page - Sipex Corporation SP3238CA/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
4
ELECTRICAL CHARACTERISTICS
V
CC = +3.0 to +5.5, C1 -C4 = 0.1µF (tested at 3.3V + 5%), C1-C4 = 0.22µF (tested at 3.3V + 10%), C1 = 0.047µF, and C2-C4 = 0.33µF (tested at 5.0V
+ 10%), T
A = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
M
I
T
e
t
a
R
a
t
a
D
m
u
m
i
x
a
M0
5
2s
p
b
kR
L
k
3
=
,
Ω C
L
r
e
v
i
r
d
e
n
o
,
F
p
0
0
0
1
=
g
n
i
h
c
ti
w
s
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
r
e
v
i
e
c
e
R
t
L
H
P
t
H
L
P
5
1
.
0
5
1
.
0
µS
,
t
u
p
t
u
o
r
e
v
i
e
c
e
r
o
t
t
u
p
n
i
r
e
v
i
e
c
e
R
C
L
F
p
0
5
1
=
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
nn
o
it
a
r
e
p
o
l
a
m
r
o
N
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
nn
o
it
a
r
e
p
o
l
a
m
r
o
N
w
e
k
S
r
e
v
i
r
D0
0
1s
nt
I
H
L
P
t
-
L
H
P
T
,
I
A
5
2
=
OC
w
e
k
S
r
e
v
i
e
c
e
R0
5s
nt
I
H
L
P
t
-
L
H
P
I
e
t
a
R
w
e
l
S
n
o
i
g
e
R
-
n
o
it
i
s
n
a
r
T0
3/
V µsV
C
C
R
,
V
3
.
3
=
L
k
3
=
,
Ω T
B
M
A
5
2
=
O
,
C
o
t
V
0
.
3
-
m
o
r
f
n
e
k
a
t
s
t
n
e
m
e
r
u
s
a
e
m
V
0
.
3
-
o
t
V
0
.
3
+
r
o
V
0
.
3
+
TYPICAL PERFOMANCE CHARACTERISTICS
Unless otherwise noted, the following perfomance characteristics apply for V
CC = +3.3V, 250kbps data rate, all drivers loaded with 3kΩ, 0.1µF charge
pump capacitors, and T
AMB = +25°C.
TRANSMITTER OUTPUT vs. LOAD CAPACITANCE
-6
-4
-2
0
2
4
6
0
1000
2000
3000
4000
5000
pF
VOH
VOL
SLEW RATE vs. LOAD CAPACITANCE
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
pF
POS. SR
NEG SR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com