Electronic Components Datasheet Search
  English  ▼

X  

SP3238CA/TR Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3238CA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238CA/TR Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3238CA/TR Datasheet HTML 5Page - Sipex Corporation SP3238CA/TR Datasheet HTML 6Page - Sipex Corporation SP3238CA/TR Datasheet HTML 7Page - Sipex Corporation SP3238CA/TR Datasheet HTML 8Page - Sipex Corporation SP3238CA/TR Datasheet HTML 9Page - Sipex Corporation SP3238CA/TR Datasheet HTML 10Page - Sipex Corporation SP3238CA/TR Datasheet HTML 11Page - Sipex Corporation SP3238CA/TR Datasheet HTML 12Page - Sipex Corporation SP3238CA/TR Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
Figure 7 shows a loopback test circuit used to test
the RS-232 Drivers. Figure 8 shows the test
results of the loopback circuit with all five driv-
ers active at 120kbps with typical RS-232 loads
in parallel with 1000pF capacitors. Figure 6 shows
the test results where one driver was active at
250kbps and all five drivers loaded with an RS-
232 receiver in parallel with a 1000pF capacitor.
A solid RS-232 data transmission rate of 120kbps
provides compatibility with many designs in
personal computer peripherals and LAN appli-
cations.
Receivers
The receivers convert
±5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels.
Receivers are not active when in shutdown. If
there is no activity present at the receivers for a
period longer than 100
µs during AUTO ON-
LINE® mode or when SHUTDOWN is enabled,
the device goes into a standby mode where the
circuit draws 1
µA.
The truth table logic of the driver and receiver
outputs can be found in Table 2.
The SP3238 includes an additional non-
inverting receiver with an output R1OUT. R1OUT
is an extra output that remains active and monitors
activity while the other receiver outputs are
forced into high impedance. This allows Ring
Figure 7. Loopback Test Circuit for RS-232 Driver Data
Transmission Rates
Indicator (RI) from a peripheral to be monitored
without forward biasing the TTL/CMOS inputs
of the other devices connected to the receiver
outputs.
Since receiver input is usually from a transmission
line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV. This
ensures that the receiver is virtually immune to
Figure 8. Loopback Test Circuit Result at 120kbps
(All Drivers Fully Loaded)
Figure 9. Loopback Test Circuit result at 250kbps
(All Drivers Fully Loaded)
SP3238
TxIN
TxOUT
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
LOGIC
INPUTS
VCC
5kΩ
RxIN
RxOUT
LOGIC
OUTPUTS
SHUTDOWN
GND
VCC
ONLINE
1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com