Electronic Components Datasheet Search
  English  ▼

X  

PS9307AL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9307AL
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307AL Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9307AL Datasheet HTML 1Page - Renesas Technology Corp PS9307AL Datasheet HTML 2Page - Renesas Technology Corp PS9307AL Datasheet HTML 3Page - Renesas Technology Corp PS9307AL Datasheet HTML 4Page - Renesas Technology Corp PS9307AL Datasheet HTML 5Page - Renesas Technology Corp PS9307AL Datasheet HTML 6Page - Renesas Technology Corp PS9307AL Datasheet HTML 7Page - Renesas Technology Corp PS9307AL Datasheet HTML 8Page - Renesas Technology Corp PS9307AL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PS9307AL, PS9307AL2
R08DS0122EJ0101 Rev.1.01
Page 4 of 19
Dec 16, 2021
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Peak Transient Forward Current
(Pulse Width < 1
µs)
IF (TRAN)
1.0
A
Reverse Voltage
VR
5
V
Power Dissipation *1
PD
45
mW
Detector
High Level Peak Output Current *2
IOH (PEAK)
0.6
A
Low Level Peak Output Current *2
IOL (PEAK)
0.6
A
Supply Voltage
(VCC
− VEE)
0 to 35
V
Output Voltage
VO
0 to VCC
V
Power Dissipation *3
PC
250
mW
Isolation Voltage *4
BV
5 000
Vr.m.s.
Operating Frequency
f
250
kHz
Operating Ambient Temperature
TA
−40 to +125
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes: *1. Reduced to 1.2 mW/
°C at TA = 110 °C or more.
*2. Maximum pulse width = 10 µs, Maximum duty cycle = 0.5 %
*3. Reduced to 3.9 mW/
°C at TA = 85 °C or more.
*4. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output.
Pins 1-3 shorted together, 4-6 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
(VCC
− VEE)
10
30
V
Forward Current (ON)
IF (ON)
8
10
12
mA
Forward Voltage (OFF)
VF (OFF)
−2
0.8
V
Operating Ambient Temperature
TA
−40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com