Electronic Components Datasheet Search
  English  ▼

X  

PS9307AL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9307AL
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307AL Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9307AL Datasheet HTML 1Page - Renesas Technology Corp PS9307AL Datasheet HTML 2Page - Renesas Technology Corp PS9307AL Datasheet HTML 3Page - Renesas Technology Corp PS9307AL Datasheet HTML 4Page - Renesas Technology Corp PS9307AL Datasheet HTML 5Page - Renesas Technology Corp PS9307AL Datasheet HTML 6Page - Renesas Technology Corp PS9307AL Datasheet HTML 7Page - Renesas Technology Corp PS9307AL Datasheet HTML 8Page - Renesas Technology Corp PS9307AL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
R08DS0122EJ0101 Rev.1.01
Page 1 of 19
Dec 16, 2021
Preliminary Data Sheet
PS9307AL, PS9307AL2
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
DESCRIPTION
The PS9307AL and PS9307AL2 are optical coupled isolators containing an AlGaAs LED on the input side
and a photo diode, a signal processing circuit and power MOSFETs on the output side on one chip.
The PS9307AL and PS9307AL2 are in 6-pin plastic SDIP (Shrink Dual In-line Package). The PS9307AL2
has 8 mm creepage distance. The mount area of 6-pin plastic SDIP is half size of 8-pin DIP.
The PS9307AL and PS9307AL2 are designed specifically for high common mode transient immunity (CMR)
and high switching speed. It is suitable for driving IGBTs and MOS FETs.
The PS9307AL is lead bending type (Gull-wing) for surface mounting.
The PS9307AL2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• Long creepage distance (8 mm MIN.: PS9307AL2)
• Half size of 8-pin DIP
• Peak output current (0.6 A MAX., 0.4 A MIN.)
• High speed switching (tPLH − tPHL = 150 ns MAX.)
• High common mode transient immunity (CMH, CML = ± 50 kV/µs MIN.)
• Operating Ambient Temperature (125 °C)
• Embossed tape product : PS9307AL-E3, PS9307AL2-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: UL1577, Double protection
• CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
• VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• AC Servo
R08DS0122EJ0101
Rev.1.01
Dec 16, 2021
6
5
4
1
2
3
PIN CONNECTION
(Top View)
1. Anode
2. NC
3. Cathode
4. GND
5. VO
6. VCC
Start of mass production
Jan.2014


Similar Part No. - PS9307AL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL2 CEL-PS9307AL2 Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL2 RENESAS-PS9307AL2 Datasheet
372Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9307AL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L_15 Datasheet
281Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com